Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN77L03 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AN77L03
Description  3-pin Low Power Loss Voltage Regulato (100mA Type)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN77L03 Datasheet(HTML) 6 Page - Panasonic Semiconductor

  AN77L03 Datasheet HTML 1Page - Panasonic Semiconductor AN77L03 Datasheet HTML 2Page - Panasonic Semiconductor AN77L03 Datasheet HTML 3Page - Panasonic Semiconductor AN77L03 Datasheet HTML 4Page - Panasonic Semiconductor AN77L03 Datasheet HTML 5Page - Panasonic Semiconductor AN77L03 Datasheet HTML 6Page - Panasonic Semiconductor AN77L03 Datasheet HTML 7Page - Panasonic Semiconductor AN77L03 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Voltage Regulators
AN77L00/AN77L00M Series
Output voltage
Input stability
Load stability
Bias current under no load
Bias current fluctuation under load
Bias current before regulation start
Ripple rejection ratio
Min. input/output voltage difference (1)
Min. input/output voltage difference (2)
Output noise voltage
Output voltage temperature coefficient
Tj=25˚C
VI=10.9 to 20.9V, Tj=25˚C
IO= 0 to 100mA, Tj=25˚C
IO= 0mA, Tj=25˚C
IO= 0 to 100mA, Tj=25˚C
VI= 9.0V, IO=0mA, Tj=25˚C
VI=10.9 to 12.9V, f=120Hz
VI= 9.0V, IO=50mA, Tj=25˚C
VI= 9.0V, IO=100mA, Tj=25˚C
f=10Hz to 100kHz
Tj= –30 to+125˚C
9.6
50
10
7
14
1.2
3
1.5
60
0.13
0.29
165
0.67
10.4
100
100
1.7
5
5
0.25
0.55
Parameter
Symbol
Condition
min
typ
max
Unit
s Electrical Characteristics (Ta=25˚C)
• AN77L10/M (10V, 100mA Type)
Note 1) Under Tj=25˚C, each test duration can be set short (within 10ms) and the characteristic drift with temperature rise at
joints of the chip may be ignored.
Note 2) VI=11V, IO=50mA, CO=10
µF unless otherwise specified.
VO
REGIN
REGL
Ibias
∆I
bias
Irush
RR
VDIF (min) 1
VDIF (min) 2
Vno
∆V
O/Ta
V
mV
mV
mA
mA
mA
dB
V
V
µV
mV/˚C
Output voltage
Input stability
Load stability
Bias current under no load
Bias current fluctuation under load
Bias current before regulation start
Ripple rejection ratio
Min. input/output voltage difference (1)
Min. input/output voltage difference (2)
Output noise voltage
Output voltage temperature coefficient
Tj=25˚C
VI=12.98 to 22.98V, Tj=25˚C
IO= 0 to 100mA, Tj=25˚C
IO= 0mA, Tj=25˚C
IO= 0 to 100mA, Tj=25˚C
VI=10.8V, IO=0mA, Tj=25˚C
VI=12.98 to 14.98V, f=120Hz
VI=10.8V, IO=50mA, Tj=25˚C
VI=10.8V, IO=100mA, Tj=25˚C
f=10Hz to 100kHz
Tj=–30 to+125˚C
11.52
48
12
8
15
1.4
3
1.5
58
0.13
0.31
190
0.8
12.48
120
120
1.9
5
5
0.25
0.6
Parameter
Symbol
Condition
min
typ
max
Unit
• AN77L12/M (12V, 100mA Type)
Note 1) Under Tj=25˚C, each test duration can be set short (within 10ms)and the characteristic drift with temperature rise at
joints of the chip may be ignored.
Note 2) VI=13V, IO=50mA, CO=10
µF unless otherwise specified.
VO
REGIN
REGL
Ibias
∆I
bias
Irush
RR
VDIF (min) 1
VDIF (min) 2
Vno
∆V
O/Ta
V
mV
mV
mA
mA
mA
dB
V
V
µV
mV/˚C
• For the AN77L00/M series, the gain inside the IC is set high to improve the performance. For the reason, use
the capacitor of 10
µF or more when the power line in the output side should be long.
In addition, install the capacitor in the output side as near as possible to the IC.
AN77L00/M
series
+
VI
VO
0.33
µF
10
µF
s Application Circuit


Similar Part No. - AN77L03

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN77L03 PANASONIC-AN77L03 Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN77L035 PANASONIC-AN77L035 Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN77L035M PANASONIC-AN77L035M Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN77L03M PANASONIC-AN77L03M Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
More results

Similar Description - AN77L03

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN79L00 PANASONIC-AN79L00 Datasheet
66Kb / 9P
   3-pin Negative Output Voltage Regulator 100mA Type
logo
Rohm
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA033FP ROHM-BA033FP Datasheet
98Kb / 8P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BA07FP-E2 ROHM-BA07FP-E2 Datasheet
106Kb / 9P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Unisonic Technologies
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
   2.0A Output Type Low Power-Loss Voltage Regulator
logo
E-Tech Electronics LTD
RXXLD20 ETL-RXXLD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com