Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK31VT864-10YE Datasheet(PDF) 8 Page - OKI electronic componets

Part # MK31VT864-10YE
Description  8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MK31VT864-10YE Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MK31VT864-10YE Datasheet HTML 3Page - OKI electronic componets MK31VT864-10YE Datasheet HTML 4Page - OKI electronic componets MK31VT864-10YE Datasheet HTML 5Page - OKI electronic componets MK31VT864-10YE Datasheet HTML 6Page - OKI electronic componets MK31VT864-10YE Datasheet HTML 7Page - OKI electronic componets MK31VT864-10YE Datasheet HTML 8Page - OKI electronic componets MK31VT864-10YE Datasheet HTML 9Page - OKI electronic componets MK31VT864-10YE Datasheet HTML 10Page - OKI electronic componets MK31VT864-10YE Datasheet HTML 11Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MK31VT864-10YE (98.09.03)
Page 8/11
AC CHARACTERISTIC
(Vcc = 3.3V ± 0.3V, Ta = 0 ~ 70°C)
NOTE
1, 2
.
Parameter
Symbol
Module Spec.
Unit
Note
Min.
Max.
CL=3
tCC
10
-ns
Clock Cycle Time
CL=2
15
-ns
CL=3
tAC
-
9ns
3, 4
Access Time from Clock
CL=2
-
9ns
3, 4
Clock "H" Pulse Time
tCH
3
-ns
Clock "L" Pulse Time
tCL
3
-ns
Input Setup Time
tSI
3
-ns
Input Hold Time
tHI
1
-ns
Output Low
Impedance Time from Clock
tOLZ
3
-ns
Output High Impedance Time from Clock
tOHZ
-
8ns
Output Hold from Clock
tOH
3
-ns
3
/RAS Cycle Time
tRC
90
-ns
/RAS Precharge Time
tRP
30
-ns
/RAS Active Time
tRAS
60
1,000,000
ns
/RAS to /CAS Delay Time
tRCD
30
-ns
Write Recovery Time
tWR
15
-ns
/RAS to /RAS Bank Active Delay Time
tRRD
20
-ns
Refresh Time
tREF
-
64
ms
Power-down Exit Set-up Time
tPDE
tSI+1CLK
-ns
Input Level Transition Time
tT
-
3ns
/CAS to /CAS Delay Time (Min)
ICCD
1
Cycle
Clock Disable Time from CKE
ICKE
1
Cycle
Data Output High Impedance Time from UDQM, LDQM
IDOZ
2
Cycle
Data Input Mask Time from DQMB
IDOD
0
Cycle
Data Input Time from Write Command
IDWD
0
Cycle
Data Output High Impedance Time from Precharge
Command.
IROH
2
Cycle
Active Command Input Time from MODE
Register Set Command Input (Min)
IMRD
3
Cycle
Write Command Input Time from Output
IOWD
2
Cycle
NOTES:
1)
AC measurements assume tT=1ns.
2)
The reference level for timing of input signals is 1.4V.
3)
This parameter is measured with a load circuit equivalent to 1 TTL load and 50pF
(RLoad is 50ohm).
4)
An access time is measured at 1.4V.
5)
If tT is longer than 1ns, the reference level for timing of input signals are VIH and VIL.
OUTPUT
50pF
OUTPUT LOAD
50
1.4v


Similar Part No. - MK31VT864-10YE

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK31VT864A OKI-MK31VT864A Datasheet
108Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT864A-8YC OKI-MK31VT864A-8YC Datasheet
108Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
More results

Similar Description - MK31VT864-10YE

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK31VT864A OKI-MK31VT864A Datasheet
108Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT832 OKI-MK31VT832 Datasheet
98Kb / 11P
   8,388,608 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT872A OKI-MK31VT872A Datasheet
108Kb / 11P
   8,388,608 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MSC23S2640E OKI-MSC23S2640E Datasheet
71Kb / 11P
   2,097,152 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK):
MK31VT464 OKI-MK31VT464 Datasheet
98Kb / 11P
   4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK32VT864 OKI-MK32VT864 Datasheet
100Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK31VT432 OKI-MK31VT432 Datasheet
97Kb / 11P
   4,194,304 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK32VT832 OKI-MK32VT832 Datasheet
99Kb / 11P
   8,388,608 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
logo
Mitsubishi Electric Sem...
MH8S64BALD-6 MITSUBISHI-MH8S64BALD-6 Datasheet
572Kb / 40P
   536,870,912-BIT ( 8,388,608-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
logo
OKI electronic componet...
MSC23S4641E OKI-MSC23S4641E Datasheet
85Kb / 11P
   4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK):
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com