Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN77L10M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN77L10M
Description  3-pin Low Power Loss Voltage Regulato (100mA Type)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN77L10M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN77L10M Datasheet HTML 1Page - Panasonic Semiconductor AN77L10M Datasheet HTML 2Page - Panasonic Semiconductor AN77L10M Datasheet HTML 3Page - Panasonic Semiconductor AN77L10M Datasheet HTML 4Page - Panasonic Semiconductor AN77L10M Datasheet HTML 5Page - Panasonic Semiconductor AN77L10M Datasheet HTML 6Page - Panasonic Semiconductor AN77L10M Datasheet HTML 7Page - Panasonic Semiconductor AN77L10M Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
s Overview
The AN77L00/AN77L00M series is a stabilized constant
voltage power supply with a low input/output voltage(0.3V
max.). It is suitable for the low-voltage equipment using
batteries, and consumer/industrial equipment with great
fluctuation of the supply voltage.
A wide range of output voltage is available from 3V
through 10V.
s Features
• Minimum input/output voltage difference : 0.3V(max.)
• Built-in overcurrent limiting circuit
• Built-in rush current preventive circuit at saturation volt-
age rise time
• Built-in overheat protective circuit
• Built-in input short-circuit protective circuit
1
Voltage Regulators
AN77L00/AN77L00M Series
3-pin Low Power Loss Voltage Regulato r(100mA Type)
AN77L00 Series
Unit : mm
5.0
±0.2
2.3
±0.2
0.45
+0.2
– 0.1
2.54
4.0
±0.2
21
3
3-pin SIL Plastic Package (TO-92) (SSIP003-P-0000)
AN77L00M Series
Unit : mm
3-pin SIL Mini Power Type Plastic Package (TO-220F) (SSIP003-P-0000D)
4.6max.
1.6max.
0.44max.
0.48max.
1.8max.
1.5
3.0
0.58max.
4.5
12
3


Similar Part No. - AN77L10M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN77L10M PANASONIC-AN77L10M Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
More results

Similar Description - AN77L10M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN79L00 PANASONIC-AN79L00 Datasheet
66Kb / 9P
   3-pin Negative Output Voltage Regulator 100mA Type
logo
Rohm
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA033FP ROHM-BA033FP Datasheet
98Kb / 8P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BA07FP-E2 ROHM-BA07FP-E2 Datasheet
106Kb / 9P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Unisonic Technologies
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
   2.0A Output Type Low Power-Loss Voltage Regulator
logo
E-Tech Electronics LTD
RXXLD20 ETL-RXXLD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com