Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK31VT464 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MK31VT464
Description  4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MK31VT464 Datasheet(HTML) 5 Page - OKI electronic componets

  MK31VT464 Datasheet HTML 1Page - OKI electronic componets MK31VT464 Datasheet HTML 2Page - OKI electronic componets MK31VT464 Datasheet HTML 3Page - OKI electronic componets MK31VT464 Datasheet HTML 4Page - OKI electronic componets MK31VT464 Datasheet HTML 5Page - OKI electronic componets MK31VT464 Datasheet HTML 6Page - OKI electronic componets MK31VT464 Datasheet HTML 7Page - OKI electronic componets MK31VT464 Datasheet HTML 8Page - OKI electronic componets MK31VT464 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MK31VT464-10YE (98.07.24)
Page 5/11
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Rating
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-0.5 to Vcc + 0.5
V
Vcc supply voltage
Vcc, VccQ
-0.5 to 4.6
V
Storage temperature
Tstg
- 55
to
125
°C
Power dissipation
PD*
4W
Short circuit current
IOS
50
mA
Operating temperature
Topr
0
to
70
°C
*: Ta=25°C
Recommended Operating Conditions
(Voltages referenced to Vss = 0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
Vcc, VccQ
3.0
3.3
3.6
V
Input high voltage
VIH
2.0
-
Vcc + 0.3
V
Input low voltage
VIL
-0.3
-
0.8
V
Capacitance
(Vcc = 3.3V
± 0.3 V , Ta = 25°C f = 1MHz)
Parameter
Symbol
Max.
Unit
Input capacitance(A0-A11, BA0, BA1)
CIN1
20
pF
Input capacitance(/CS0, /RAS, /CAS, /WE, CKE0, UDQM, LDQM)
CIN2
20
pF
I/O capacitance(DQ0 - DQ63 )
CI/O
28
pF


Similar Part No. - MK31VT464

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK31VT432 OKI-MK31VT432 Datasheet
97Kb / 11P
   4,194,304 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT432-10YC OKI-MK31VT432-10YC Datasheet
97Kb / 11P
   4,194,304 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
More results

Similar Description - MK31VT464

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK31VT432 OKI-MK31VT432 Datasheet
97Kb / 11P
   4,194,304 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT864A OKI-MK31VT864A Datasheet
108Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT864 OKI-MK31VT864 Datasheet
99Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MSC23S2640E OKI-MSC23S2640E Datasheet
71Kb / 11P
   2,097,152 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK):
MSC23S4641E OKI-MSC23S4641E Datasheet
85Kb / 11P
   4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK):
MK31VT832 OKI-MK31VT832 Datasheet
98Kb / 11P
   8,388,608 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT872A OKI-MK31VT872A Datasheet
108Kb / 11P
   8,388,608 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MSC23S4721E OKI-MSC23S4721E Datasheet
76Kb / 11P
   4,194,304 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK):
logo
Toshiba Semiconductor
TC514100AP TOSHIBA-TC514100AP Datasheet
635Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
TC514100APL TOSHIBA-TC514100APL Datasheet
632Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com