Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MK31VT464 Datasheet(PDF) 3 Page - OKI electronic componets

Part No. MK31VT464
Description  4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MK31VT464 Datasheet(HTML) 3 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MK31VT464-10YE (98.07.24)
Page 3/11
PIN CONFIGURATION
Front
Back side
Front side
Back side
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
1
Vss
2
Vss
73
N.C
74
CLK1
3
DQ0
4
DQ32
75
Vss
76
Vss
5
DQ1
6
DQ33
77
N.C
78
N.C
7
DQ2
8
DQ34
79
N.C
80
N.C
9
DQ3
10
DQ35
81
Vcc
82
Vcc
11
Vcc
12
Vcc
83
DQ16
84
DQ48
13
DQ4
14
DQ36
85
DQ17
86
DQ49
15
DQ5
16
DQ37
87
DQ18
88
DQ50
17
DQ6
18
DQ38
89
DQ19
90
DQ51
19
DQ7
20
DQ39
91
Vss
92
Vss
21
Vss
22
Vss
93
DQ20
94
DQ52
23
DQMB0
24
DQMB4
95
DQ21
96
DQ53
25
DQMB1
26
DQMB5
97
DQ22
98
DQ54
27
Vcc
28
Vcc
99
DQ23
100
DQ55
29
A0
30
A3
101
Vcc
102
Vcc
31
A1
32
A4
103
A6
104
A7
33
A2
34
A5
105
A8
106
BA0
35
Vss
36
Vss
107
Vss
108
Vss
37
DQ8
38
DQ40
109
A9
110
BA1
39
DQ9
40
DQ41
111
A10
112
A11
41
DQ10
42
DQ42
113
Vcc
114
Vcc
43
DQ11
44
DQ43
115
DQMB2
116
DQMB6
45
Vcc
46
Vcc
117
DQMB3
118
DQMB7
47
DQ12
48
DQ44
119
Vss
120
Vss
49
DQ13
50
DQ45
121
DQ24
122
DQ56
51
DQ14
52
DQ46
123
DQ25
124
DQ57
53
DQ15
54
DQ47
125
DQ26
126
DQ58
55
Vss
56
Vss
127
DQ27
128
DQ59
57
N.C
58
N.C
129
Vcc
130
Vcc
59
N.C
60
N.C
131
DQ28
132
DQ60
61
CLK0
62
CKE0
133
DQ29
134
DQ61
63
Vcc
64
Vcc
135
DQ30
136
DQ62
65
/RAS
66
/CAS
137
DQ31
138
DQ63
67
/WE
68
N.C
139
Vss
140
Vss
69
/CS0
70
N.C
141
SDA
142
SCL
71
N.C
72
N.C
143
Vcc
144
Vcc
Pin Name
Function
Pin Name
Function
Vcc
Power Supply (3.3V)
/RAS
Row Address Strobe
Vss
Ground (0V)
/CAS
Column Address Strobe
CLK#
System Clock
/WE
Write Enable
/CS#
Chip Select
DQMB#
Data Input / Output Mask
CKE#
Clock Enable
DQ#
Data Input / Output
A0-A11
Address
SDA
Data I/O for SPD
BA0,BA1
Bank Select Address
SCL
CLK input for SPD
N.C
No Connection


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn