Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN8000 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN8000
Description  3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8000 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN8000 Datasheet HTML 1Page - Panasonic Semiconductor AN8000 Datasheet HTML 2Page - Panasonic Semiconductor AN8000 Datasheet HTML 3Page - Panasonic Semiconductor AN8000 Datasheet HTML 4Page - Panasonic Semiconductor AN8000 Datasheet HTML 5Page - Panasonic Semiconductor AN8000 Datasheet HTML 6Page - Panasonic Semiconductor AN8000 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
s Overview
The AN8000 series is 3-pin low-dropout fixed positive
output monolithic voltage regulators. Since thier power
consumption can be minimized, they are suitable for bat-
tery stabilizing power supply and reference voltage. Thir-
teen types of output voltage are available ; 2V, 2.5V, 3V,
3.5V (TO-92 only) , 4V, 4.5V, 5V, 6V, 7V, 8V, 8.5V, 9V,
and 10V.
s Features
• Input/output voltage difference : 0.3V (max.)
• Output current of up to 50mA
• Low bias current ; 0.6mA (typ.)
• Output voltage ; 2V, 2.5V, 3V, 3.5V (TO-92 only) , 4V,
4.5V, 5V, 6V, 7V, 8V, 8.5V, 9V, and 10V.
• Over-voltage protective circuit built-in.
AN8000/AN8000M Series
3-pin Positive Output Low Dropout Voltage Regulator (50mA Type)
s Block Diagram
Unit:mm
AN8000 Series
5.0
±0.2
TO-92 Plastic Package (SSIP003-P-0000)
0.45
2.3
±0.2
2.54
(Bottom View)
3
21
+ 0.2
– 0.1
4.0
±0.2
1 : Input
2 : Output
3 : GND
1.6max.
1.8max.
3.0
1.5
12
3
0.48max.
0.58max.
3-pin Mini Power type Plastic Package (TO-243) (HSIP003-P-0000B)
0.44max.
Unit:mm
AN8000M Series
4.6max.
1 : Output
2 : GND
3 : Input
Voltage
Reference
Current
Limiter
Starter
VO
R1
R2
COUT
R1=5k
CIN=0.33
µF
COUT=10
µF
VI
2
3
1
: TO-92
: TO-243
+
Error
Amp.
1
2
3
+


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AN80XX 3-pin positive output low dropout voltage regulator 50 mA type 1  2  3  4  5  More Panasonic Semiconductor
AN7800 3-pin Positive Output Voltage Regulator 1A Type 1  2  3  4  5  More Panasonic Semiconductor
AN7805NSP 3-pin positive output voltage regulator 1 A type 1  2  3  4  5  More Panasonic Semiconductor
AN78L00 3-pin Positive Output Voltage Regulator 100mA Type 1  2  3  4  5  More Panasonic Semiconductor
AN78N00 3-pin Positive Output Voltage Regulator 300mA Type 1  2  3  4  5  More Panasonic Semiconductor
AN78LXX 3-pin positive output voltage regulator 100 mA type 1  2  3  4  5  More Panasonic Semiconductor
AN7805F 3-pin positive output voltage regulator 1 A type 1  2  3  4  5  More Panasonic Semiconductor
AN79N00 3-pin Negative Output Voltage Regulator 300mA Type 1  2  3  4  5  More Panasonic Semiconductor
BA033FP Low saturation voltage type 3-pin regulator 1  2  3  4  5  More Rohm
SC1202 600mA Low Dropout Positive Voltage Regulator 1  2  3  4  5  Semtech Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn