Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN8000 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. AN8000
Description  3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8000 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AN8000 Datasheet HTML 1Page - Panasonic Semiconductor AN8000 Datasheet HTML 2Page - Panasonic Semiconductor AN8000 Datasheet HTML 3Page - Panasonic Semiconductor AN8000 Datasheet HTML 4Page - Panasonic Semiconductor AN8000 Datasheet HTML 5Page - Panasonic Semiconductor AN8000 Datasheet HTML 6Page - Panasonic Semiconductor AN8000 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Tj=25˚C
VI=5 to 10.5V, Tj=25˚C
IO=1 to 40mA, Tj=25˚C
VDIF (min.)
VI=4.3V, IO=20mA, Tj=25˚C
VI=4.3V, IO=50mA, Tj=25˚C
IO=1 to 50mA, Tj=25˚C
IO=0mA, Tj=25˚C
Note1) The specified condition Tj=25˚C means that the test should be conducted with each test time reduced (within 10ms) so that
the drift in characteristic value due to a temperature rise at chip junction can be ignored.
Note2) Unless otherwise specified, VI=5.5V, IO=20mA, CO=10
µF
VI=5.5 to 7.5V, f=120Hz
µV
Vno
mV/˚C
f=10Hz to 100kHz
∆V
O/Ta
Tj=–30 to+125˚C
s Electrical Characteristics (Ta=25˚C)
· AN8045/AN8045M (4.5V Type)
VO
4.68
V
4.5
REGIN
mV
REGL
35
mV
mV
V
0.07
V
mA
0.7
Ibias
dB
RR
Vno
0.23
45
50
0.2
0.3
1
4.32
54
0.12
4
11
23
85
66
Parameter
Symbol
Condition
min
typ
max
Output voltage
Line regulation
Load regulation
Minimum I/O voltage difference
Bias current
Ripple rejection ratio
Output noise voltage
Output voltage temperature coefficient
Unit
Tj=25˚C
VI=5.5 to 11V, Tj=25˚C
IO=1 to 40mA, Tj=25˚C
VDIF (min.)
VI=4.8V, IO=20mA, Tj=25˚C
VI=4.8V, IO=50mA, Tj=25˚C
IO=1 to 50mA, Tj=25˚C
IO=0mA, Tj=25˚C
Note1) The specified condition Tj=25˚C means that the test should be conducted with each test time reduced (within 10ms) so that
the drift in characteristic value due to a temperature rise at chip junction can be ignored.
Note2) Unless otherwise specified, VI=6V, IO=20mA, CO=10
µF
VI=6 to 8V, f=120Hz
µV
Vno
mV/˚C
f=10Hz to 100kHz
∆V
O/Ta
Tj=–30 to+125˚C
· AN8005/AN8005M (5V Type)
VO
5.2
V
5
REGIN
mV
REGL
40
mV
mV
V
0.07
V
mA
0.7
Ibias
dB
RR
Vno
0.25
50
50
0.2
0.3
1
4.8
52
0.12
4.5
12
25
95
64
Parameter
Symbol
Condition
min
typ
max
Output voltage
Line regulation
Load regulation
Minimum I/O voltage difference
Bias current
Ripple rejection ratio
Output noise voltage
Output voltage temperature coefficient
Unit
Tj=25˚C
VI=6.5 to 12V, Tj=25˚C
IO=1 to 40mA, Tj=25˚C
VDIF (min.)
VI=5.8V, IO=20mA, Tj=25˚C
VI=5.8V, IO=50mA, Tj=25˚C
IO=1 to 50mA, Tj=25˚C
IO=0mA, Tj=25˚C
Note1) The specified condition Tj=25˚C means that the test should be conducted with each test time reduced (within 10ms) so that
the drift in characteristic value due to a temperature rise at chip junction can be ignored.
Note2) Unless otherwise specified, VI=7V, IO=20mA, CO=10
µF
VI=7 to 9V, f=120Hz
µV
Vno
mV/˚C
f=10Hz to 100kHz
∆V
O/Ta
Tj=–30 to+125˚C
· AN8006/AN8006M (6V Type)
VO
6.24
V
6
REGIN
mV
REGL
45
mV
mV
V
0.07
V
mA
0.7
Ibias
dB
RR
Vno
0.3
55
60
0.2
0.3
1.2
5.76
51
0.13
5.5
13
28
105
63
Parameter
Symbol
Condition
min
typ
max
Output voltage
Line regulation
Load regulation
Minimum I/O voltage difference
Bias current
Ripple rejection ratio
Output noise voltage
Output voltage temperature coefficient
Unit


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AN80XX 3-pin positive output low dropout voltage regulator 50 mA type 1  2  3  4  5  More Panasonic Semiconductor
AN7800 3-pin Positive Output Voltage Regulator 1A Type 1  2  3  4  5  More Panasonic Semiconductor
AN7805NSP 3-pin positive output voltage regulator 1 A type 1  2  3  4  5  More Panasonic Semiconductor
AN78L00 3-pin Positive Output Voltage Regulator 100mA Type 1  2  3  4  5  More Panasonic Semiconductor
AN78N00 3-pin Positive Output Voltage Regulator 300mA Type 1  2  3  4  5  More Panasonic Semiconductor
AN78LXX 3-pin positive output voltage regulator 100 mA type 1  2  3  4  5  More Panasonic Semiconductor
AN7805F 3-pin positive output voltage regulator 1 A type 1  2  3  4  5  More Panasonic Semiconductor
AN79N00 3-pin Negative Output Voltage Regulator 300mA Type 1  2  3  4  5  More Panasonic Semiconductor
BA033FP Low saturation voltage type 3-pin regulator 1  2  3  4  5  More Rohm
SC1202 600mA Low Dropout Positive Voltage Regulator 1  2  3  4  5  Semtech Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn