Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN79N00 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part No. AN79N00
Description  3-pin Negative Output Voltage Regulator 300mA Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN79N00 Datasheet(HTML) 6 Page - Panasonic Semiconductor

  AN79N00 Datasheet HTML 1Page - Panasonic Semiconductor AN79N00 Datasheet HTML 2Page - Panasonic Semiconductor AN79N00 Datasheet HTML 3Page - Panasonic Semiconductor AN79N00 Datasheet HTML 4Page - Panasonic Semiconductor AN79N00 Datasheet HTML 5Page - Panasonic Semiconductor AN79N00 Datasheet HTML 6Page - Panasonic Semiconductor AN79N00 Datasheet HTML 7Page - Panasonic Semiconductor AN79N00 Datasheet HTML 8Page - Panasonic Semiconductor AN79N00 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Tj=25˚C
VI=–14.5 to –30V, IO=5 to 200mA
VI=–14.5 to –30V, Tj=25˚C
IO=1 to 300mA, Tj=25˚C
IO=5 to 200mA, Tj=25˚C
VI=–15 to –25V, Tj=25˚C
Tj=25˚C
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=–19V, IO=100mA, CI=2
µF, C
O=1
µF and T
j=0 to 125˚C
VI=–14.5 to –30V, Tj=25˚C
∆I
Bias (IN)
∆I
Bias (L)
µV
IO=5 to 200mA, Tj=25˚C
f=10Hz to 100kHz
VI=–15 to –25V, IO=50mA,
f=120Hz
IO=200mA, Tj=25˚C
VDIF (min.)
IO (Short)
VI=–35V, Tj=25˚C
IO (Peak)
Tj=25˚C
mV/˚C
∆V
O/Ta
IO=5mA
s Electrical Characteristics (Ta=25˚C)
· AN79N12 (–12V Type)
VO
–12.5
V
–12
VO
V
REGIN
80
mV
15
mV
REGL
mV
25
mV
mA
3
10
IBias
mA
mA
300
Vno
dB
0.5
0.1
50
–12.6
240
120
5
57
–11.5
–11.4
RR
V
1.1
mA
10
mA
500
10
– 0.8
Parameter
Symbol
Condition
min
typ
max
Unit
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short circuit current
Peak output current
Output voltage temperature coefficient
Tj=25˚C
VI=–17.5 to –30V, IO=5 to 200mA
VI=–17.5 to –30V, Tj=25˚C
IO=1 to 300mA, Tj=25˚C
IO=5 to 200mA, Tj=25˚C
VI=–18 to –28V, Tj=25˚C
Tj=25˚C
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=–23V, IO=100mA, CI=2
µF, C
O=1
µF and T
j=0 to 125˚C
VI=–17.5 to –30V, Tj=25˚C
∆I
Bias (IN)
∆I
Bias (L)
µV
IO=5 to 200mA, Tj=25˚C
f=10Hz to 100kHz
VI=–18 to –28V, IO=50mA,
f=120Hz
IO=200mA, Tj=25˚C
VDIF (min.)
IO (Short)
VI=–35V, Tj=25˚C
IO (Peak)
Tj=25˚C
mV/˚C
∆V
O/Ta
IO=5mA
· AN79N15 (–15V Type)
VO
–15.6
V
–15
VO
V
REGIN
80
mV
16
mV
REGL
mV
25
mV
mA
3
11
IBias
mA
mA
375
Vno
dB
0.5
0.1
50
–15.75
240
120
5
56
–14.4
–14.25
RR
V
1.1
mA
10
mA
500
10
–0.9
Parameter
Symbol
Condition
min
typ
max
Unit
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short circuit current
Peak output current
Output voltage temperature coefficient


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AN79L07 3-pin negative output voltage regulator 100 mA type 1  2  3  4  5  More Panasonic Semiconductor
AN78N00 3-pin Positive Output Voltage Regulator 300mA Type 1  2  3  4  5  More Panasonic Semiconductor
AN79L00 3-pin Negative Output Voltage Regulator 100mA Type 1  2  3  4  5  More Panasonic Semiconductor
AN8000 3-pin Positive Output Low Dropout Voltage Regulator 50mA Type 1  2  3  4  5  More Panasonic Semiconductor
AN80XX 3-pin positive output low dropout voltage regulator 50 mA type 1  2  3  4  5  More Panasonic Semiconductor
AN7800 3-pin Positive Output Voltage Regulator 1A Type 1  2  3  4  5  More Panasonic Semiconductor
AN7805NSP 3-pin positive output voltage regulator 1 A type 1  2  3  4  5  More Panasonic Semiconductor
AN78L00 3-pin Positive Output Voltage Regulator 100mA Type 1  2  3  4  5  More Panasonic Semiconductor
AN7900T 3-pin Negative Output Voltage Regulators 1A Type 1  2  3  4  5  More Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn