Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN79N00 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. AN79N00
Description  3-pin Negative Output Voltage Regulator 300mA Type
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN79N00 Datasheet(HTML) 3 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Tj=25˚C
VI=–7 to –25V, IO=5 to 200mA
VI=–7 to –25V, Tj=25˚C
IO=1 to 300mA, Tj=25˚C
IO=5 to 200mA, Tj=25˚C
VI=–8 to –18V, Tj=25˚C
Tj=25˚C
VI=–8 to –25V, Tj=25˚C
IO=5 to 200mA, Tj=25˚C
f=10Hz to 100kHz
VI=–8 to –18V, IO=50mA,
f=120Hz
IO=200mA, Tj=25˚C
VI=–35V, Tj=25˚C
Tj=25˚C
IO=5mA
· AN79N05 (–5V Type)
Parameter
Symbol
Condition
min
typ
max
Output voltage
VO
–5.2
V
–5
Output voltage tolerance
VO
V
Line regulation
REGIN
50
mV
10
mV
Load regulation
REGL
mV
20
mV
mA
3
5
Bias current
IBias
mA
Input bias current fluctuation
mA
Load bias current fluctuation
125
Output noise voltage
Vno
dB
0.5
0.1
30
–5.25
100
50
5
60
–4.8
–4.75
Ripple rejection ratio
RR
V
1.1
Minimum input/output voltage difference
mA
10
Output short circuit current
mA
500
10
Peak output current
– 0.4
Output voltage temperature coefficient
Unit
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=–10V, IO=100mA, CI=2
µF, C
O=1
µF and T
j=0 to 125˚C
∆I
Bias (IN)
∆I
Bias (L)
µV
VDIF (min.)
IO (Short)
IO (Peak)
mV/˚C
∆V
O/Ta
s Electrical Characteristics (Ta=25˚C)
Tj=25˚C
VI=–8 to –25V, IO=5 to 200mA
VI=–8 to –25V, Tj=25˚C
IO=1 to 300mA, Tj=25˚C
IO=5 to 200mA, Tj=25˚C
VI=–9 to –19V, Tj=25˚C
Tj=25˚C
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=–11V, IO=100mA, CI=2
µF, C
O=1
µF and T
j=0 to 125˚C
VI=–9 to –25V, Tj=25˚C
∆I
Bias (IN)
∆I
Bias (L)
µV
IO=5 to 200mA, Tj=25˚C
f=10Hz to 100kHz
VI=–9 to –19V, IO=50mA,
f=120Hz
IO=200mA, Tj=25˚C
VDIF (min.)
IO (Short)
VI=–35V, Tj=25˚C
IO (Peak)
Tj=25˚C
mV/˚C
∆V
O/Ta
IO=5mA
· AN79N06 (–6V Type)
Parameter
Symbol
Condition
min
typ
max
Output voltage
VO
–6.25
V
–6
Output voltage tolerance
VO
V
Line regulation
REGIN
60
mV
11
mV
Load regulation
REGL
mV
20
mV
mA
3
6
Bias current
IBias
mA
Input bias current fluctuation
mA
Load bias current fluctuation
150
Output noise voltage
Vno
dB
0.5
0.1
40
–6.3
120
60
5
60
–5.75
–5.7
Ripple rejection ratio
RR
V
1.1
Minimum input/output voltage difference
mA
10
Output short circuit current
mA
500
10
Peak output current
– 0.4
Output voltage temperature coefficient
Unit


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn