Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7720F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN7720F
Description  Low-dropout three-pin voltage regulator 1.2-A type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7720F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN7720F Datasheet HTML 1Page - Panasonic Semiconductor AN7720F Datasheet HTML 2Page - Panasonic Semiconductor AN7720F Datasheet HTML 3Page - Panasonic Semiconductor AN7720F Datasheet HTML 4Page - Panasonic Semiconductor AN7720F Datasheet HTML 5Page - Panasonic Semiconductor AN7720F Datasheet HTML 6Page - Panasonic Semiconductor AN7720F Datasheet HTML 7Page - Panasonic Semiconductor AN7720F Datasheet HTML 8Page - Panasonic Semiconductor AN7720F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AN7700, AN7700F, AN7700SP Series
Voltage Regulators
2
s Block Diagram
Overcurrent
limiter
Error amplifier
Inrush current
protection
Input short-circuit
protection
Output stage
Thermal
protection
V
REF
R1
R2
s Pin Descriptions
Pin No.
Description
1
Input pin (In)
2
Ground pin (COM)
3
Output pin (Out)
s Absolute Maximum Ratings at T
a = 25°C
Parameter
Symbol
Rating
Unit
Supply voltage *
2
VIN
30
V
Supply current *
3
IIN
2.4
A
Power dissipation *
4 AN7700 series
PD
15
W
AN7700F series
10.25
AN7700SP series
5.0
Operating ambient temperature *
1
Topr
−30 to +85
°C
Storage temperature *
1
Tstg
−55 to +150
°C
Note) *1: Expect for the operating ambient temperature, and storage temperature, all ratings are for Ta = 25°C.
*2: At the application of VIN = 30 V, the overvoltage protection may be operated by the ASO protection circuit, leading to the
output shut down.
*3: The current value does not exceed this criterion because of the on-chip current limiter.
*4: The internal circuit shuts off the output when Tj ≥ 150°C (designed value). The relationship between the IC power
dissipation and ambient temperature shall conform to the derating curve (s Characteristic curve chart PD  Ta).


Similar Part No. - AN7720F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN77L00 PANASONIC-AN77L00 Datasheet
81Kb / 8P
   3-pin Low Power Loss Voltage Regulato (100mA Type)
AN77L00M PANASONIC-AN77L00M Datasheet
81Kb / 8P
   3-pin Low Power Loss Voltage Regulato (100mA Type)
AN77L03 PANASONIC-AN77L03 Datasheet
81Kb / 8P
   3-pin Low Power Loss Voltage Regulato (100mA Type)
AN77L03 PANASONIC-AN77L03 Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN77L035 PANASONIC-AN77L035 Datasheet
81Kb / 8P
   3-pin Low Power Loss Voltage Regulato (100mA Type)
More results

Similar Description - AN7720F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TLV1112 STMICROELECTRONICS-TLV1112 Datasheet
323Kb / 12P
   1.2-V, 0.8-A LOW-DROPOUT VOLTAGE REGULATOR
LDL1117 STMICROELECTRONICS-LDL1117 Datasheet
1Mb / 23P
   1.2 A high PSRR low-dropout linear voltage regulator
Rev 6 - April 2020
logo
Toshiba Semiconductor
TA48015BF TOSHIBA-TA48015BF_09 Datasheet
235Kb / 12P
   1 A Three-Terminal Low-Dropout Voltage Regulator
TA48015BF TOSHIBA-TA48015BF Datasheet
252Kb / 11P
   1 A Three-Terminal Low-Dropout Voltage Regulator
logo
Analog Devices
ADP1754 AD-ADP1754 Datasheet
738Kb / 20P
   1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1755ACPZ AD-ADP1755ACPZ Datasheet
709Kb / 20P
   1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. F
logo
ON Semiconductor
NCV8187 ONSEMI-NCV8187_V01 Datasheet
580Kb / 19P
   Voltage Regulator - Low Iq, Low Dropout, Power Good Output 1.2 A
August, 2021 ??Rev. 8
NCV8187 ONSEMI-NCV8187 Datasheet
278Kb / 12P
   Voltage Regulator - Low Iq, Low Dropout, Power Good Output 1.2 A
August, 2020 ??Rev. 2
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com