Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM66585 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM66585
Description  Built-in 16 bit PWM and 8 bit A/D Converter, High-speed High-preformance 16 bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66585 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM66585 Datasheet HTML 8Page - OKI electronic componets MSM66585 Datasheet HTML 9Page - OKI electronic componets MSM66585 Datasheet HTML 10Page - OKI electronic componets MSM66585 Datasheet HTML 11Page - OKI electronic componets MSM66585 Datasheet HTML 12Page - OKI electronic componets MSM66585 Datasheet HTML 13Page - OKI electronic componets MSM66585 Datasheet HTML 14Page - OKI electronic componets MSM66585 Datasheet HTML 15Page - OKI electronic componets MSM66585 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12/24
¡ Semiconductor
MSM66585/586/587/P587/Q587
ELECTRICAL CHARACTERISTICS
DC Characteristics (VDD=5V±10%)
Input high voltage
Symbol
Units
Conditions
Parameter
Min
Input low voltage
Input low voltage
Output high voltage
VIH
VIL
VOH
V
(Ta=–30 to +70°C)
Input high voltage
0.44VDD
Typ
Max
1
2, 4, 5, 6, 7
1
2, 4, 5, 6, 7
1, 4
—VDD+0.3
0.80VDD
—VDD+0.3
–0.3
0.16VDD
–0.3
0.2VDD
VDD–0.4
——
Output high voltage
2
VDD–0.4
——
IO=–400mA
IO=–200mA
Output low voltage
VOL
1, 4
0.4
Output low voltage
2
0.8
IO=3.2mA
IO=1.6mA
Input leakage current
Input current
Input current
IIH/IIL
3, 6
5
7
VI=VDD/0V
1/–1
1/–250
15/–15
mA
Output leakage current 1, 2, 4
±10
ILO
VO=VDD/0V
mA
Input capacitance
Output capacitance
5—
7—
CI
CO
f=1MHz, Ta=25°C
pF
—4
—10
A/D conversion operating
A/D conversion stopped
mA
mA
IREF
Analog reference power supply
current
0.2
10
1
100
VDD=2V, Ta=25°C*
*
mA
IDDS
Supply current
(stop mode)
Supply Current (halt mode)
Supply Current
IDDH
IDD
fOSC=20MHz,
No Load
mA
Pull-up resistor
Rpull
VI=0V
50
kW
25
70
25
100
IO=–2.0 mA
IO=–2.0 mA
VDD–0.6
VDD–0.6
IO=5.0mA
IO=5.0mA
0.4
0.8
10
45
2
1. Applies to P0.
2. Applies to P1, P2, P4, P6, P7_2-P7_7, P8-P10, P12.
3. Applies to Ain.
4. Applies to P5_4, P5_5, P7_0, P7_1.
5. Applies to RES.
6. Applies to EA, NMI.
7. Applies to OSC0.
*
For input ports, VDD or 0 V. For other cases, unloaded.


Similar Part No. - MSM66585

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6658 OKI-MSM6658 Datasheet
259Kb / 50P
   SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
MSM6658 OKI-MSM6658 Datasheet
331Kb / 46P
   SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
MSM66586 OKI-MSM66586 Datasheet
68Kb / 2P
   OKI Original High Performance CMOS 16-Bit Microcontroller
MSM66587 OKI-MSM66587 Datasheet
68Kb / 2P
   OKI Original High Performance CMOS 16-Bit Microcontroller
MSM66589 OKI-MSM66589 Datasheet
264Kb / 27P
   OLMS-66K Series CMOS 16-Bit Microcontroller
More results

Similar Description - MSM66585

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64431 OKI-MSM64431 Datasheet
519Kb / 10P
   Built-in 8-Bit A/D Converter 4-Bit Microcontroller
logo
Analog Devices
AD1316 AD-AD1316 Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
logo
Linear Technology
LTC1099 LINER-LTC1099 Datasheet
1Mb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
Linear Integrated Syste...
LTC1099CSW LINEAR-LTC1099CSW Datasheet
185Kb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
Linear Technology
LTC1099 LINER-LTC1099_15 Datasheet
204Kb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
ADL Embedded Solutions
104-AIO16-16W ADL-104-AIO16-16W Datasheet
458Kb / 2P
   16-bit, High-Speed, 16-channel A/D with 12-bit D/A
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com