Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM66585 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM66585
Description  Built-in 16 bit PWM and 8 bit A/D Converter, High-speed High-preformance 16 bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66585 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM66585 Datasheet HTML 7Page - OKI electronic componets MSM66585 Datasheet HTML 8Page - OKI electronic componets MSM66585 Datasheet HTML 9Page - OKI electronic componets MSM66585 Datasheet HTML 10Page - OKI electronic componets MSM66585 Datasheet HTML 11Page - OKI electronic componets MSM66585 Datasheet HTML 12Page - OKI electronic componets MSM66585 Datasheet HTML 13Page - OKI electronic componets MSM66585 Datasheet HTML 14Page - OKI electronic componets MSM66585 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11/24
¡ Semiconductor
MSM66585/586/587/P587/Q587
ABSOLUTE MAXIMUM RATINGS
Digital power supply voltage
Symbol
Units
Conditions
Parameter
Rating
Input voltage
Output voltage
Analog power supply voltage
Analog reference voltage
Analog input voltage
Power dissipation
Storage temperature
VDD
VI
VO
AVDD
VREF
VAI
PD
TSTG
GND=AGND=0V
Ta=25°C
Ta=70°C
Per package
Per output
–0.3 to +7.0
–0.3 to VDD+0.3
–0.3 to VDD+0.3
–0.3 to VDD+0.3
–0.3 to AVDD+0.3
–0.3 to VREF
–50 to +150
V
V
V
V
V
V
mW
mW
°C
8
650
Note: Power and ground connections must be made to all external VDD and GND pins.
ALLOWABLE OUTPUT CURRENT
"H" output pin (1 pin)
Symbol
Units
Pin
Parameter
Min.
"H" output pin (total)
"L" output pin (1 pin)
"L" output pin (total)
IOH
SIOH
IOL
SIOL
mA
All output pins
Total of all output pins
All output pins
Total of P0, P1, P5 and P7
Total of P2, P9 and P10
Total of P4 and P8
Total of all output pins
Total of P6 and P12
Typ.
Max.
–2
–40
5
50
100
(VDD=2.7 to 5.5V, Ta=–30 to +70°C)
RECOMMENDED OPERATING CONDITIONS
Symbol
Units
Conditions
Parameter
Range
Analog reference voltage
Analog input voltage
Memory hold voltage
Operating frequency
Temperature range
Fan-out
VREF
VAI
VDDH
fOSC
Ta
N
TTL loads
P0, P5_4, P5_5,
P7_0, P7_1
P1, P2, P4, P6,
P7_2-P7_7,
P8-P10, P12
AVDD–0.3 to AVDD
AGND to VREF
2.0 to 5.5
2 to 20
–30 to +70
2
1
V
V
V
MHz
°C
fOSC=0Hz
VDD=5V±10%
VDD
V
fOSC£20MHz
4.5 to 5.5
Digital power supply
voltage
MOS loads
20
fOSC£10MHz
2.7 to 5.5
VDD=2.7 to 5.5V
2 to 10
MHz


Similar Part No. - MSM66585

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6658 OKI-MSM6658 Datasheet
259Kb / 50P
   SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
MSM6658 OKI-MSM6658 Datasheet
331Kb / 46P
   SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
MSM66586 OKI-MSM66586 Datasheet
68Kb / 2P
   OKI Original High Performance CMOS 16-Bit Microcontroller
MSM66587 OKI-MSM66587 Datasheet
68Kb / 2P
   OKI Original High Performance CMOS 16-Bit Microcontroller
MSM66589 OKI-MSM66589 Datasheet
264Kb / 27P
   OLMS-66K Series CMOS 16-Bit Microcontroller
More results

Similar Description - MSM66585

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64431 OKI-MSM64431 Datasheet
519Kb / 10P
   Built-in 8-Bit A/D Converter 4-Bit Microcontroller
logo
Analog Devices
AD1316 AD-AD1316 Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
logo
Linear Technology
LTC1099 LINER-LTC1099 Datasheet
1Mb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
Linear Integrated Syste...
LTC1099CSW LINEAR-LTC1099CSW Datasheet
185Kb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
Linear Technology
LTC1099 LINER-LTC1099_15 Datasheet
204Kb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
ADL Embedded Solutions
104-AIO16-16W ADL-104-AIO16-16W Datasheet
458Kb / 2P
   16-bit, High-Speed, 16-channel A/D with 12-bit D/A
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com