Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM66585 Datasheet(PDF) 22 Page - OKI electronic componets

Part # MSM66585
Description  Built-in 16 bit PWM and 8 bit A/D Converter, High-speed High-preformance 16 bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66585 Datasheet(HTML) 22 Page - OKI electronic componets

Back Button MSM66585 Datasheet HTML 16Page - OKI electronic componets MSM66585 Datasheet HTML 17Page - OKI electronic componets MSM66585 Datasheet HTML 18Page - OKI electronic componets MSM66585 Datasheet HTML 19Page - OKI electronic componets MSM66585 Datasheet HTML 20Page - OKI electronic componets MSM66585 Datasheet HTML 21Page - OKI electronic componets MSM66585 Datasheet HTML 22Page - OKI electronic componets MSM66585 Datasheet HTML 23Page - OKI electronic componets MSM66585 Datasheet HTML 24Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22/24
¡ Semiconductor
MSM66585/586/587/P587/Q587
A/D Converter Characteristics
Recommended Circuit
Linearity error
Symbol
Units
Conditions
Item
Min
Differential linearity error
Zero scale error
Full scale error
Conversion time
EL
EFS
LSB
(Ta=–30 to +70°C, VDD=VREF=5V±10%, AGND=GND=0V, fOSC=20MHz)
Resolution
Refer to the recommended
circuit
Analog input source
impedance
RI£5kW
tCONV=19.2msec
Typ
Max
8—
ms/CH
Bit
6.4
19.2
n
ED
EZS
tCONV
by ADTM set data
±2
±1
+2
–2
A/D Converter Characteristics
Linearity error
Symbol
Units
Conditions
Item
Min
Differential linearity error
Zero scale error
Full scale error
Conversion time
EL
EFS
LSB
(Ta=–30 to +70°C, VDD=VREF=3V±10%, AGND=GND=0V, fOSC=10MHz)
Resolution
Refer to the recommended
circuit
Analog input source
impedance
RI£5kW
tCONV=38.4msec
Typ
Max
8—
ms/CH
Bit
38.4
n
ED
EZS
tCONV ADTM=00b (384CLK selection)
±1
±0.5
+1
–1
Reference
Voltage
+
Analog Voltage
CI
0.1
mF
47
mF
+
VREF
AI0~
AI3
AGND
GND
VDD
0.1
mF
47
mF
+
+5V
0V
RI (analog input source impedance) £ 5kW
Cl = 0.1 mF
RI
0.1
mF


Similar Part No. - MSM66585

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6658 OKI-MSM6658 Datasheet
259Kb / 50P
   SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
MSM6658 OKI-MSM6658 Datasheet
331Kb / 46P
   SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
MSM66586 OKI-MSM66586 Datasheet
68Kb / 2P
   OKI Original High Performance CMOS 16-Bit Microcontroller
MSM66587 OKI-MSM66587 Datasheet
68Kb / 2P
   OKI Original High Performance CMOS 16-Bit Microcontroller
MSM66589 OKI-MSM66589 Datasheet
264Kb / 27P
   OLMS-66K Series CMOS 16-Bit Microcontroller
More results

Similar Description - MSM66585

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64431 OKI-MSM64431 Datasheet
519Kb / 10P
   Built-in 8-Bit A/D Converter 4-Bit Microcontroller
logo
Analog Devices
AD1316 AD-AD1316 Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
logo
Linear Technology
LTC1099 LINER-LTC1099 Datasheet
1Mb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
Linear Integrated Syste...
LTC1099CSW LINEAR-LTC1099CSW Datasheet
185Kb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
Linear Technology
LTC1099 LINER-LTC1099_15 Datasheet
204Kb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
ADL Embedded Solutions
104-AIO16-16W ADL-104-AIO16-16W Datasheet
458Kb / 2P
   16-bit, High-Speed, 16-channel A/D with 12-bit D/A
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com