Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN79L00 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. AN79L00
Description  3-pin Negative Output Voltage Regulator 100mA Type
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN79L00 Datasheet(HTML) 2 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VI
PD
Topr
Tstg
V
V
mW
˚C
˚C
Parameter
Symbol
Rating
Unit
s Absolute Maximum Ratings (Ta=25˚C)
–35 *1
–40 *2
650 *3
–20 to +80
–55 to +150
–55 to +125
Input voltage
Power dissipation
Operating ambient temperature
Storage temperature
AN79L00 Series
AN79L00M Series
*1 AN79L04/M, AN79L05/M, AN79L06/M, AN79L07/M, AN79L08/M, AN79L09/M, AN79L10/M, AN79L12/M,
AN79L15/M, AN79L18/M
*2 AN79L20/M, AN79L24/M
*3 Follow the derating curve. When Tj exceeds 150˚C, the internal circuit cuts off the output.
Mounting onto the PCB (20
× 20 × 1.7 mm glass epoxy copper foil 1 cm2 or more), for AN79L00M Series.
Parameter
Symbol
Condition
min
typ
max
Output voltage
VO
–4.16
V
–4
Output voltage tolerance
VO
V
VI=–7 to –19V, IO=1 to 70mA
Line regulation
REGIN
80
mV
VI=–6 to –20V, Tj=25˚C
mV
Load regulation
REGL
mV
10
IO=1 to 100mA, Tj=25˚C
mV
IO=1 to 40mA, Tj=25˚C
VI=–7 to –17V, Tj=25˚C
mA
3
Bias current
IBias
mA
VI=–7 to –19V, Tj=25˚C
Input bias current fluctuation
mA
Load bias current fluctuation
38
IO=1 to 40mA, Tj=25˚C
Output noise voltage
Vno
dB
f=10Hz to 100kHz, Ta=25˚C
0.5
0.1
40
–4.2
60
30
5
55
–3.84
–3.8
Ripple rejection ratio
RR
VI=–7 to –17V, f=120Hz, Ta=25˚C
V
0.8
Tj=25˚C
Minimum input/output voltage difference
mA
200
Output short circuit current
IO (Short)
– 0.4
VI=–35V, Tj=25˚C
4.5
Output voltage temperature coefficient
IO=5mA
Unit
Tj=25˚C
µV
Tj=25˚C
∆I
bias (IN)
∆I
bias (L)
VDIF (min.)
mV/˚C
∆V
O/Ta
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=–9V, IO=40mA, CI=2
µF, C
O=1
µF, T
j=0 to 125˚C (AN79L04)
and Tj=0 to 100˚C (AN79L04)
s Electrical Characteristics (Ta=25˚C)
· AN79L04/AN79L04M (–4V Type)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn