Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN79L00 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part No. AN79L00
Description  3-pin Negative Output Voltage Regulator 100mA Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN79L00 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN79L00 Datasheet HTML 1Page - Panasonic Semiconductor AN79L00 Datasheet HTML 2Page - Panasonic Semiconductor AN79L00 Datasheet HTML 3Page - Panasonic Semiconductor AN79L00 Datasheet HTML 4Page - Panasonic Semiconductor AN79L00 Datasheet HTML 5Page - Panasonic Semiconductor AN79L00 Datasheet HTML 6Page - Panasonic Semiconductor AN79L00 Datasheet HTML 7Page - Panasonic Semiconductor AN79L00 Datasheet HTML 8Page - Panasonic Semiconductor AN79L00 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Prameter
Symbol
Condition
min
typ
max
Output voltage
VO
–9.36
V
–9
Output voltage tolerance
VO
V
Line regulation
REGIN
160
mV
mV
Load regulation
REGL
mV
16
mV
mA
3
Bias current
IBias
mA
Input bias current fluctuation
mA
Load bias current fluctuation
58
Output noise voltage
Vno
dB
0.5
0.1
80
–9.45
90
50
5
53
–8.64
–8.55
Ripple rejection ratio
RR
V
0.8
Minimum input/output voltage difference
mA
200
Output short circuit current
– 0.6
8
Output voltage temperature coefficient
Unit
VI=–12 to –24V, IO=1 to 70mA
VI=–11 to –25V, Tj=25˚C
IO=1 to 100mA, Tj=25˚C
IO=1 to 40mA, Tj=25˚C
VI=–12 to –22V, Tj=25˚C
VI=–12 to –24V, Tj=25˚C
IO=1 to 40mA, Tj=25˚C
f=10Hz to 100kHz, Ta=25˚C
VI=–12 to –22V, f=120Hz, Ta=25˚C
Tj=25˚C
IO (Short)
VI=–35V, Tj=25˚C
IO=5mA
Tj=25˚C
µV
Tj=25˚C
∆I
bias (IN)
∆I
bias (L)
VDIF (min.)
mV/˚C
∆V
O/Ta
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=–9V, IO=40mA, CI=2
µF and C
O=1
µF, T
j=0 to 125˚C (AN79L04)
and Tj=0 to 100˚C (AN79L04)
s Electrical Characteristics (Ta=25˚C)
· AN79L09/AN79L09M (–9V Type)
Patameter
Symbol
Condition
min
typ
max
Output voltage
VO
–10.4
V
–10
Output voltage tolerance
VO
V
Line regulation
REGIN
160
mV
mV
Load regulation
REGL
mV
17
mV
mA
3
Bias current
IBias
mA
Input bias current fluctuation
mA
Load bias current fluctuation
65
Output noise voltage
Vno
dB
0.5
0.1
80
–10.5
100
50
5
53
–9.6
–9.5
Ripple rejection
RR
V
0.8
Minimum input/output voltage difference
mA
200
Ouptput short circuit current
mV/˚C
– 0.7
9
Output voltage temperature coefficient
Unit
VI=–13 to –25V, IO=1 to 70mA
VI=–12 to –26V, Tj=25˚C
IO=1 to 100mA, Tj=25˚C
IO=1 to 40mA, Tj=25˚C
VI=–13 to –23V, Tj=25˚C
VI=–13 to –25V, Tj=25˚C
IO=1 to 40mA, Tj=25˚C
f=10Hz to 100kHz, Ta=25˚C
VI=–13 to –23V, f=120Hz, Ta=25˚C
Tj=25˚C
IO (Short)
VI=–35V, Tj=25˚C
IO=5mA
Tj=25˚C
µV
Tj=25˚C
∆I
bias (IN)
∆I
bias (L)
VDIF (min.)
∆V
O/Ta
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=–9V, IO=40mA, CI=2
µF, C
O=1
µF, T
j=0 to 125˚C (AN79L04)
and Tj=0 to 100˚C (AN79L04)
· AN79L10/AN79L10M (–10V Type)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AN78L00 3-pin Positive Output Voltage Regulator 100mA Type 1  2  3  4  5  More Panasonic Semiconductor
AN79N00 3-pin Negative Output Voltage Regulator 300mA Type 1  2  3  4  5  More Panasonic Semiconductor
AN79L07 3-pin negative output voltage regulator 100 mA type 1  2  3  4  5  More Panasonic Semiconductor
AN79M00 3-pin Negative Output Voltage Regulators 500mA Type 1  2  3  4  5  More Panasonic Semiconductor
AN78LXX 3-pin positive output voltage regulator 100 mA type 1  2  3  4  5  More Panasonic Semiconductor
AN7805F 3-pin positive output voltage regulator 1 A type 1  2  3  4  5  More Panasonic Semiconductor
AN8000 3-pin Positive Output Low Dropout Voltage Regulator 50mA Type 1  2  3  4  5  More Panasonic Semiconductor
AN80XX 3-pin positive output low dropout voltage regulator 50 mA type 1  2  3  4  5  More Panasonic Semiconductor
AN7805NSP 3-pin positive output voltage regulator 1 A type 1  2  3  4  5  More Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn