Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN79L00 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. AN79L00
Description  3-pin Negative Output Voltage Regulator 100mA Type
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN79L00 Datasheet(HTML) 3 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Parameter
Symbol
Condition
min
typ
max
Output voltage
VO
–5.2
V
–5
Output voltage tolerance
VO
V
Line regulation
REGIN
100
mV
mV
Load regulation
REGL
mV
11
mV
mA
3
Bias current
IBias
mA
Input bias current fluctuation
mA
Load bias current fluctuation
40
Output noise voltage
Vno
dB
0.5
0.1
50
–5.25
60
30
5
55
–4.8
–4.75
Ripple rejection ratio
RR
V
0.8
Minimum input/output voltage difference
mA
200
Output short circuit current
– 0.4
5
Output voltage temperature coefficient
Unit
VI=–8 to –20V, IO=1 to 70mA
VI=–7 to –21V, Tj=25˚C
IO=1 to 100mA, Tj=25˚C
IO=1 to 40mA, Tj=25˚C
VI=–8 to –18V, Tj=25˚C
VI=–8 to –20V, Tj=25˚C
IO=1 to 40mA, Tj=25˚C
f=10Hz to 100kHz, Ta=25˚C
VI=–8 to –18V, f=120Hz, Ta=25˚C
Tj=25˚C
IO (Short)
IO=5mA
VI=–35V, Tj=25˚C
Tj=25˚C
µV
Tj=25˚C
∆I
bias (IN)
∆I
bias (L)
VDIF (min.)
mV/˚C
∆V
O/Ta
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=–9V, IO=40mA, CI=2
µF, C
O=1
µF, T
j=0 to 125˚C (AN79L04)
and Tj=0 to 100˚C (AN79L04)
s Electrical Characteristics (Ta=25˚C)
· AN79L05/AN79L05M (–5V Type)
Parameter
Symbol
Condition
min
typ
max
Output voltage
VO
–6.24
V
–6
Output voltage tolerance
VO
V
Line regulation
REGIN
120
mV
mV
Load regulation
REGL
mV
12
mV
mA
3
Bias current
IBias
mA
Input bias current fluctuation
mA
Load bias current fluctuation
44
Output noise voltage
Vno
dB
0.5
0.1
60
–6.3
60
30
5
55
–5.76
–5.7
Ripple rejection ratio
RR
V
0.8
Minimum input/output voltage difference
mA
200
Output short circuit current
–0.4
5.5
Output voltage temoerature coefficient
Unit
VI=–79to –21V, IO=1 to 70mA
VI=–8 to –22V, Tj=25˚C
IO=1 to 100mA, Tj=25˚C
IO=1 to 40mA, Tj=25˚C
VI=–9 to –19V, Tj=25˚C
VI=–9 to –21V, Tj=25˚C
IO=1 to 40mA, Tj=25˚C
f=10Hz to 100kHz, Ta=25˚C
VI=–9 to –19V, f=120Hz, Ta=25˚C
Tj=25˚C
IO (Short)
VI=–35V, Tj=25˚C
IO=5mA
Tj=25˚C
µV
Tj=25˚C
∆I
bias (IN)
∆I
bias (L)
VDIF (min.)
mV/˚C
∆V
O/Ta
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=–9V, IO=40mA, CI=2
µF, C
O=1
µF, T
j=0 to 125˚C (AN79L04)
and Tj=0 to 100˚C (AN79L04)
· AN79L06/AN79L06M (–6V Type)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn