Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN77L06M Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AN77L06M
Description  3-pin Low Power Loss Voltage Regulato (100mA Type)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN77L06M Datasheet(HTML) 7 Page - Panasonic Semiconductor

  AN77L06M Datasheet HTML 1Page - Panasonic Semiconductor AN77L06M Datasheet HTML 2Page - Panasonic Semiconductor AN77L06M Datasheet HTML 3Page - Panasonic Semiconductor AN77L06M Datasheet HTML 4Page - Panasonic Semiconductor AN77L06M Datasheet HTML 5Page - Panasonic Semiconductor AN77L06M Datasheet HTML 6Page - Panasonic Semiconductor AN77L06M Datasheet HTML 7Page - Panasonic Semiconductor AN77L06M Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Voltage Regulators
AN77L00/AN77L00M Series
0
1
Input Voltage VI (V)
Input/Output Characteristics
VO —VI
1
2
3
4
5
05
234
AN77L03/M
IO=50mA
0
Input Voltage VI (V)
Input Stability
VO —VI
2.98
2.99
3.00
3.01
3.02
030
10
20
AN77L03/M
IO=50mA
0
1
Input Voltage VI (V)
Rush Current (Under No Load)
II —VI
1
2
3
05
23
4
AN77L03/M
IO= 0A
0
Output Current IO (mA)
Bias Current
Ibias — IO
1
2
3
4
5
1
100
50
AN77L03/M
VI=4V
0
Load Stability
VO —IO
2.98
2.99
3.00
3.01
3.02
0
100
50
AN77L03/M
VI=4V
0
Output Voltage IO (mA)
Over-current Limiting Characteristics
VO —IO
1
2
3
4
5
0
300
100
200
AN77L03/M
VI=4V
IO(short)=200mA
(typ)
0
Output Voltage IO (mA)
Minimum Input/Output Voltage Difference
VDIF (min) — IOUT
0.1
0.2
0.3
0.4
0.5
0
100
50
AN77L03/M
VI=2.88V
Output Current IO (mA)
0
100
Ripple Rejection Ratio
RR — f
20
40
60
80
100
10
100k
1k
10k
AN77L03/M
IO=50mA
Frequency f (Hz)
2.90
Ambient Temperature Ta (˚C)
Output Voltage Temperature Characteristics
VO — Ta
3.00
3.10
–25
50
AN77L03/M
VI= 4V
IO= 0mA
025
75
s Characteristics Curve


Similar Part No. - AN77L06M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN77L06M PANASONIC-AN77L06M Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
More results

Similar Description - AN77L06M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN79L00 PANASONIC-AN79L00 Datasheet
66Kb / 9P
   3-pin Negative Output Voltage Regulator 100mA Type
logo
Rohm
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA033FP ROHM-BA033FP Datasheet
98Kb / 8P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BA07FP-E2 ROHM-BA07FP-E2 Datasheet
106Kb / 9P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Unisonic Technologies
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
   2.0A Output Type Low Power-Loss Voltage Regulator
logo
E-Tech Electronics LTD
RXXLD20 ETL-RXXLD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com