Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V1602FMA Datasheet(PDF) 7 Page - OKI electronic componets

Part No. MR27V1602FMA
Description  1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V1602FMA Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MR27V1602FMA Datasheet HTML 3Page - OKI electronic componets MR27V1602FMA Datasheet HTML 4Page - OKI electronic componets MR27V1602FMA Datasheet HTML 5Page - OKI electronic componets MR27V1602FMA Datasheet HTML 6Page - OKI electronic componets MR27V1602FMA Datasheet HTML 7Page - OKI electronic componets MR27V1602FMA Datasheet HTML 8Page - OKI electronic componets MR27V1602FMA Datasheet HTML 9Page - OKI electronic componets MR27V1602FMA Datasheet HTML 10Page - OKI electronic componets MR27V1602FMA Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FEDR27V1602F-01-02
OKI Semiconductor
MR27V1602F / OTP
7/14
ELECTRICAL CHARACTERISTICS (PROGRAMMING OPERATION)
DC Characteristics
(Ta = 25°C ± 5°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input leakage current
ILI
VI = VCC+0.5 V
10
µA
VPP power supply current (Program)
IPP2
CE# = VIL
50
mA
VCC power supply current
ICC
50
mA
Input “H” level
VIH
3.0
VCC+0.5
V
Input “L” level
VIL
–0.5
0.8
V
Output “H” level
VOH
IOH = –400 µA
2.4
V
Output “L” level
VOL
IOL = 2.1 mA
0.45
V
Program voltage
VPP
7.95
8.2
8.45
V
VCC power supply voltage
VCC
3.9
4.0
4.1
V
Voltage is relative to VSS.
AC Characteristics
(VCC = 4.0 V ± 0.1 V, BYTE#/VPP = 8.2 V ± 0.25 V, Ta = 25°C ± 5°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Address set-up time
tAS
100
ns
OE# set-up time
tOES
2
µs
Data set-up time
tDS
100
ns
Address hold time
tAH
2
µs
Data hold time
tDH
100
ns
Output float delay time from OE#
tOHZ
0
100
ns
VPP voltage set-up time
tVS
2
µs
Program pulse width
tPW
9
10
11
µs
Data valid from OE#
tOE
100
ns
Address hold from OE# high
tAOH
0
ns
Pin Check Function
Pin Check Function is to check contact between each device-pin and each socket-lead with EPROM programmer.
Setting up address as following condition call the preprogrammed codes on device outputs.
(VCC = 3.3 V ± 0.1 V, CE# = VIL, OE# = VIL, BYTE#/VPP = VIH, Ta = 25°C ± 5°C)
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18 A19
DATA
0
1
0
1
0
1
0
1
0
VH
0
1
0
1
0
1
0
0
1
1
FF00
1
0
1
0
1
0
1
0
1
VH
1
0
1
0
1
0
1
1
0
0
00FF
Other conditions
FFFF
∗: VH = 7.0V ± 0.25 V


Similar Part No. - MR27V1602FMA

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MR27V1602D OKI-MR27V1602D Datasheet
58Kb / 11P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602E OKI-MR27V1602E Datasheet
154Kb / 11P
   1,048,576.Word 횞 16.Bit or 2,097,152.Word 횞 8.Bit One Time PROM
More results

Similar Description - MR27V1602FMA

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MR27C1602B OKI-MR27C1602B Datasheet
128Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602D OKI-MR27V1602D Datasheet
58Kb / 11P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602E OKI-MR27V1602E Datasheet
154Kb / 11P
   1,048,576.Word 횞 16.Bit or 2,097,152.Word 횞 8.Bit One Time PROM
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652D OKI-MR27V1652D Datasheet
57Kb / 10P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V3202E OKI-MR27V3202E Datasheet
90Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V3202F OKI-MR27V3202F Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MSM27C3202CZ OKI-MSM27C3202CZ Datasheet
87Kb / 12P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V802F OKI-MR27V802F Datasheet
146Kb / 15P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
MR27V3202D OKI-MR27V3202D Datasheet
57Kb / 11P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz