Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V1602F Datasheet(PDF) 11 Page - OKI electronic componets

Part No. MR27V1602F
Description  1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V1602F Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MR27V1602F Datasheet HTML 6Page - OKI electronic componets MR27V1602F Datasheet HTML 7Page - OKI electronic componets MR27V1602F Datasheet HTML 8Page - OKI electronic componets MR27V1602F Datasheet HTML 9Page - OKI electronic componets MR27V1602F Datasheet HTML 10Page - OKI electronic componets MR27V1602F Datasheet HTML 11Page - OKI electronic componets MR27V1602F Datasheet HTML 12Page - OKI electronic componets MR27V1602F Datasheet HTML 13Page - OKI electronic componets MR27V1602F Datasheet HTML 14Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FEDR27V1602F-01-02
OKI Semiconductor
MR27V1602F / OTP
11/14
PACKAGE DIMENSIONS
SOP44-P-600-1.27-K
Mirror finish
Package material
Epoxy resin
Lead frame material
42 alloy
Pin treatment
Solder plating (
≥5µm)
Package weight (g)
2.10 TYP.
5
Rev. No./Last Revised
4/Dec. 5, 1996
Notes for Mounting the Surface Mount Type Package
The surface mount type packages are very susceptible to heat in reflow mounting and humidity
absorbed in storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the product
name, package name, pin number, package code and desired mounting conditions (reflow method,
temperature and times).
(Unit: mm)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn