Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V1602F Datasheet(PDF) 10 Page - OKI electronic componets

Part No. MR27V1602F
Description  1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V1602F Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MR27V1602F Datasheet HTML 6Page - OKI electronic componets MR27V1602F Datasheet HTML 7Page - OKI electronic componets MR27V1602F Datasheet HTML 8Page - OKI electronic componets MR27V1602F Datasheet HTML 9Page - OKI electronic componets MR27V1602F Datasheet HTML 10Page - OKI electronic componets MR27V1602F Datasheet HTML 11Page - OKI electronic componets MR27V1602F Datasheet HTML 12Page - OKI electronic componets MR27V1602F Datasheet HTML 13Page - OKI electronic componets MR27V1602F Datasheet HTML 14Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FEDR27V1602F-01-02
OKI Semiconductor
MR27V1602F / OTP
10/14
Programming/Verify Flow Chart
NG
YES
NO
NO
VCC = 2.8 V/VPP = 2.8 V
Device Passed
Start
Last Address?
X = 0
Verify(One Word)
Last Address?
NG
X = 2?
X = X+1
Increment Address
Program 10
µs
Programming
Pin Check
NG
PASS
Verify
Verify
Start
Verify
Pin Check
Bad Insertion
Device Passed
YES
YES
PASS
PASS
NG
PASS
NG
PASS
NG
PASS
NO
VCC = 4.0 V/VPP = 4.0 V
Device Failed
Bad Insertion
Address = First Location
VCC = 4.0 V
VPP = 8.2 V
Program 10
µs
Verify
Device Failed
VCC = 2.8 V/VPP = 2.8 V
Address = First Location
Increment Address
Address = First Location


Similar Part No. - MR27V1602F

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MR27V1602D OKI-MR27V1602D Datasheet
58Kb / 11P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602E OKI-MR27V1602E Datasheet
154Kb / 11P
   1,048,576.Word 횞 16.Bit or 2,097,152.Word 횞 8.Bit One Time PROM
More results

Similar Description - MR27V1602F

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MR27C1602B OKI-MR27C1602B Datasheet
128Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602D OKI-MR27V1602D Datasheet
58Kb / 11P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602E OKI-MR27V1602E Datasheet
154Kb / 11P
   1,048,576.Word 횞 16.Bit or 2,097,152.Word 횞 8.Bit One Time PROM
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652D OKI-MR27V1652D Datasheet
57Kb / 10P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V3202E OKI-MR27V3202E Datasheet
90Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V3202F OKI-MR27V3202F Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MSM27C3202CZ OKI-MSM27C3202CZ Datasheet
87Kb / 12P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V802F OKI-MR27V802F Datasheet
146Kb / 15P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
MR27V3202D OKI-MR27V3202D Datasheet
57Kb / 11P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz