Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V1602F Datasheet(PDF) 4 Page - OKI electronic componets

Part No. MR27V1602F
Description  1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V1602F Datasheet(HTML) 4 Page - OKI electronic componets

  MR27V1602F Datasheet HTML 1Page - OKI electronic componets MR27V1602F Datasheet HTML 2Page - OKI electronic componets MR27V1602F Datasheet HTML 3Page - OKI electronic componets MR27V1602F Datasheet HTML 4Page - OKI electronic componets MR27V1602F Datasheet HTML 5Page - OKI electronic componets MR27V1602F Datasheet HTML 6Page - OKI electronic componets MR27V1602F Datasheet HTML 7Page - OKI electronic componets MR27V1602F Datasheet HTML 8Page - OKI electronic componets MR27V1602F Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FEDR27V1602F-01-02
OKI Semiconductor
MR27V1602F / OTP
4/14
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Value
Unit
Operating temperature under bias
Ta
0 to 70
°C
Storage temperature
Tstg
–55 to 125
°C
Input voltage
VI
–0.5 to VCC+0.5
V
Output voltage
VO
–0.5 to VCC+0.5
V
Power supply voltage
VCC
–0.5 to 5
V
Program power supply voltage
VPP
relative to VSS
–0.5 to 9.0
V
Power dissipation per package
PD
Ta = 25°C
1.0
W
Output short circuit current
IOS
10
mA
RECOMMENDED OPERATING CONDITIONS
(Ta = 0 to 70°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
VCC power supply voltage
VCC
3.0
3.6
V
VPP power supply voltage
VPP
–0.5
VCC+0.5
V
Input “H” level
VIH
2.2
VCC+0.5∗
V
Input “L” level
VIL
VCC = 3.0 to 3.6 V
–0.5
∗∗
0.6
V
Voltage is relative to VSS.
∗ : Vcc+1.5V(Max.) when pulse width of overshoot is less than 10ns.
∗∗ : -1.5V(Min.) when pulse width of undershoot is less than 10ns.


Similar Part No. - MR27V1602F

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MR27V1602D OKI-MR27V1602D Datasheet
58Kb / 11P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602E OKI-MR27V1602E Datasheet
154Kb / 11P
   1,048,576.Word 횞 16.Bit or 2,097,152.Word 횞 8.Bit One Time PROM
More results

Similar Description - MR27V1602F

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MR27C1602B OKI-MR27C1602B Datasheet
128Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602D OKI-MR27V1602D Datasheet
58Kb / 11P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602E OKI-MR27V1602E Datasheet
154Kb / 11P
   1,048,576.Word 횞 16.Bit or 2,097,152.Word 횞 8.Bit One Time PROM
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652D OKI-MR27V1652D Datasheet
57Kb / 10P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V3202E OKI-MR27V3202E Datasheet
90Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V3202F OKI-MR27V3202F Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MSM27C3202CZ OKI-MSM27C3202CZ Datasheet
87Kb / 12P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V802F OKI-MR27V802F Datasheet
146Kb / 15P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
MR27V3202D OKI-MR27V3202D Datasheet
57Kb / 11P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz