Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR27V802F Datasheet(PDF) 5 Page - OKI electronic componets

Part # MR27V802F
Description  524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V802F Datasheet(HTML) 5 Page - OKI electronic componets

  MR27V802F Datasheet HTML 1Page - OKI electronic componets MR27V802F Datasheet HTML 2Page - OKI electronic componets MR27V802F Datasheet HTML 3Page - OKI electronic componets MR27V802F Datasheet HTML 4Page - OKI electronic componets MR27V802F Datasheet HTML 5Page - OKI electronic componets MR27V802F Datasheet HTML 6Page - OKI electronic componets MR27V802F Datasheet HTML 7Page - OKI electronic componets MR27V802F Datasheet HTML 8Page - OKI electronic componets MR27V802F Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FEDR27V802F-01-03
OKI Semiconductor
MR27V802F / OTP
5/15
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VCC = 3.3 V ± 0.3 V, Ta = 0 to 70°C)
parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input leakage current
ILI
VI = 0 to VCC
5
µA
Output leakage current
ILO
VO = 0 to VCC
5
µA
ICCSC
CE# = VCC
5
µA
VCC power supply current
(Standby)
ICCST
CE# = VIH
1
m
Α
VCC power supply current
(Read)
ICCA
CE# = VIL, OE# = VIH
f=5MHz
18
mA
VPP power supply current
IPP
VPP = VCC
10
µA
Input “H” level
VIH
2.2
VCC+0.5∗
V
Input “L” level
VIL
–0.5
∗∗
0.6
V
Output “H” level
VOH
IOH = –1 mA
2.4
V
Output “L” level
VOL
IOL = 2 mA
0.4
V
Voltage is relative to VSS.
∗ : Vcc+1.5V(Max.) when pulse width of overshoot is less than 10ns.
∗∗ : -1.5V(Min.) when pulse width of undershoot is less than 10ns.
AC Characteristics
(VCC = 3.3 V ± 0.3 V, Ta = 0 to 70°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Address cycle time
tC
70
ns
Address access time
tACC
CE# = OE# = VIL
70
ns
CE# access time
tCE
OE# = VIL
70
ns
OE# access time
tOE
CE# = VIL
25
ns
tCHZ
OE# = VIL
0
20
ns
Output disable time
tOHZ
CE# = VIL
0
20
ns
Output hold time
tOH
CE# = OE# = VIL
0
ns
Measurement conditions
Input signal level ----------------------------------------- 0 V/3 V
Input timing reference level---------------------------- 1/2Vcc
Output load ------------------------------------------------ 50 pF
Output timing reference level ------------------------- 1/2Vcc
Output
50 pF
(Including scope and jig)


Similar Part No. - MR27V802F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V802D OKI-MR27V802D Datasheet
58Kb / 11P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
More results

Similar Description - MR27V802F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V802D OKI-MR27V802D Datasheet
58Kb / 11P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
MSM27C802CZ OKI-MSM27C802CZ Datasheet
108Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
MR27V852D OKI-MR27V852D Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852E OKI-MR27V852E Datasheet
100Kb / 13P
   524,288 Word X 16 - Bit or 1,048,576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM
MSM27C852CZ OKI-MSM27C852CZ Datasheet
91Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C402CZ OKI-MSM27C402CZ Datasheet
93Kb / 13P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V402D OKI-MR27V402D Datasheet
84Kb / 11P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V1602F OKI-MR27V1602F Datasheet
132Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27C1602B OKI-MR27C1602B Datasheet
128Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602D OKI-MR27V1602D Datasheet
58Kb / 11P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com