Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR27V402E Datasheet(PDF) 9 Page - OKI electronic componets

Part # MR27V402E
Description  262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V402E Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MR27V402E Datasheet HTML 5Page - OKI electronic componets MR27V402E Datasheet HTML 6Page - OKI electronic componets MR27V402E Datasheet HTML 7Page - OKI electronic componets MR27V402E Datasheet HTML 8Page - OKI electronic componets MR27V402E Datasheet HTML 9Page - OKI electronic componets MR27V402E Datasheet HTML 10Page - OKI electronic componets MR27V402E Datasheet HTML 11Page - OKI electronic componets MR27V402E Datasheet HTML 12Page - OKI electronic componets MR27V402E Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
FEDR27V402E-01-03
OKI Semiconductor
MR27V402E / OTP
9/16
Program and Program Verify Cycle Waveforms
Pin Capacitance
(VCC = 3.3 V, Ta = 25°C, f = 1 MHz)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input
CIN1
8 (10)
BYTE/V
PP
CIN2
VI = 0 V
60
Output
COUT
VO = 0 V
10 (12)
pF
( ) : DIP only
tOHZ
tDS
tOE
tAS
A0 to A17
CE
OE
D0 to D15
tAHO
tPW
Dout
BYTE/Vpp
tDH
Din
tOES
tOHZ
9.75 V


Similar Part No. - MR27V402E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V402D OKI-MR27V402D Datasheet
84Kb / 11P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V402DMP OKI-MR27V402DMP Datasheet
84Kb / 11P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V402DRP OKI-MR27V402DRP Datasheet
84Kb / 11P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V402DTP OKI-MR27V402DTP Datasheet
84Kb / 11P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
More results

Similar Description - MR27V402E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM27C402CZ OKI-MSM27C402CZ Datasheet
93Kb / 13P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V402D OKI-MR27V402D Datasheet
84Kb / 11P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V452D OKI-MR27V452D Datasheet
82Kb / 10P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C452CZ OKI-MSM27C452CZ Datasheet
92Kb / 12P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V802F OKI-MR27V802F Datasheet
146Kb / 15P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
MR27V802D OKI-MR27V802D Datasheet
58Kb / 11P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
MSM27C802CZ OKI-MSM27C802CZ Datasheet
108Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
MSM27C401CZ OKI-MSM27C401CZ Datasheet
93Kb / 14P
   524,288-Word x 8-Bit One Time PROM
MR27V852D OKI-MR27V852D Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V401D OKI-MR27V401D Datasheet
54Kb / 11P
   524,288-Word x 8-Bit One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com