Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN7900T Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN7900T
Description  3-pin Negative Output Voltage Regulators 1A Type
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN7900T Datasheet(HTML) 1 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
s Overview
The AN7900T/AN7900F series is 3-pin fixed negative
output type monolithic voltage regulators.
A stabilized fixed negative output voltage is obtained from
an unstable DC input voltage without using any external
parts. Eleven types of fixed output voltage are available
from –5V through –10V, –12V, –15V, –18V, –20V, and
–24V. They can be used widely as power circuits with a
current capacitance of up to 1A.
s Features
• No external components
• Output voltage : –5V, –6V, –7V, –8V, –9V, –10V,
–12V, –15V, –18V, –20V, –24V
• Overcurrent limit circuit built-in
• Thermal over-load protection built-in
• Area of safe operation (ASO) circuit built-in
AN7900T/AN7900F Series
3-pin Negative Output Voltage Regulators (1A Type)
s Block Diagram
1
3
2
Common
Output
Input
Starter
Voltage
Reference
Error Amp.
+
R1
Q1
Pass Tr.
RSC
Current
Limiter
Thermal
Protection
R2
Unit : mm
AN7900F Series
1.4
±0.2
TO-220 Full Pack Package (HSIP003-P-0000A)
10.5
±0.3
2.77
±0.3
(1.73)
12
3
ø5.3
ø3.1
±0.1
(4.3)
2.5
±0.25
4.5
±0.3
1 : Common
2 : Input
3 : Output
2.0
±0.25
0.8
±0.2
(0.4)
2.54
0.4
+0.1
– 0.05
Unit : mm
AN7900T Series
10.4
±0.5
1.4
±0.1
1.4
±0.25
ø3.7
10.5
±0.5
2.54
0.45
1 : Common
2 : Input
3 : Output
2.5
±0.25
+0.1
– 0.05
123
4.5
±0.3
JEDEC: TO-220AB (HSIP003-P-0000)
0.8
±0.2


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn