Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN78N00 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. AN78N00
Description  3-pin Positive Output Voltage Regulator 300mA Type
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN78N00 Datasheet(HTML) 3 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VO
5.2
V
5
VO
V
REGIN
50
mV
10
mV
REGL
mV
20
mV
mA
2.8
5
Ibias
mA
mA
40
Vno
dB
0.8
0.5
25
5.25
100
50
5
62
4.8
4.75
RR
V
2
mA
300
mA
500
10
72
– 0.3
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short circuit current
Peak output current
Output voltage temperature coefficient
Parameter
Symbol
Condition
min
typ
max
Unit
VI=7.5 to 20V, IO=5 to 200mA
VI=7.5 to 25V, Tj=25˚C
IO=1 to 300mA, Tj=25˚C
IO=5 to 200mA, Tj=25˚C
VI=8 to 20V, Tj=25˚C
Tj=25˚C
Tj=25˚C
VI=7.5 to 25V, Tj=25˚C
IO=1 to 300mA, Tj=25˚C
f=10Hz to 100kHz
VI=8 to 18V, IO=50mA, f=120Hz
IO=300mA, Tj=25˚C
VI=35V, Tj=25˚C
Tj=25˚C
IO=5mA, Tj=0 to 125˚C
∆I
bias (IN)
∆I
bias (L)
µV
VDIF (min.)
IO (Short)
IO (Peak)
mV/˚C
∆V
O/Ta
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=10V, IO=100mA, CI=0.33
µF, C
O=0.1
µF, T
j=0 to 125˚C
s Electrical Characteristics (Ta=25˚C)
· AN78N05 (5V Type)
VO
6.25
V
6
VO
V
REGIN
60
mV
11
mV
REGL
mV
20
mV
mA
2.8
6
Ibias
mA
mA
45
Vno
dB
0.8
0.5
30
6.3
120
60
5
59
5.75
5.7
RR
V
2
mA
300
mA
500
10
70
– 0.4
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short circuit current
Peak output current
Output voltage temperature coefficient
Parameter
Symbol
Condition
min
typ
max
Unit
VI=8.5 to 20V, IO=5 to 200mA
VI=8.5 to 25V, Tj=25˚C
IO=1 to 300mA, Tj=25˚C
IO=5 to 200mA, Tj=25˚C
VI=9 to 20V, Tj=25˚C
Tj=25˚C
VI=8.5 to 25V, Tj=25˚C
IO=1 to 300mA, Tj=25˚C
f=10Hz to 100kHz
VI=9 to 19V, IO=50mA, f=120Hz
IO=300mA, Tj=25˚C
VI=35V, Tj=25˚C
Tj=25˚C
IO=5mA, Tj=0 to 125˚C
Tj=25˚C
∆I
bias (IN)
∆I
bias (L)
µV
VDIF (min.)
IO (Short)
IO (Peak)
mV/˚C
∆V
O/Ta
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=11V, IO=100mA, CI=0.33
µF, C
O=0.1
µF, T
j=0 to 125˚C
· AN78N06 (6V Type)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn