Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7805R Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AN7805R
Description  Positive Output Voltage Regulators with Reset pin 1A/500mA Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7805R Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AN7805R Datasheet HTML 1Page - Panasonic Semiconductor AN7805R Datasheet HTML 2Page - Panasonic Semiconductor AN7805R Datasheet HTML 3Page - Panasonic Semiconductor AN7805R Datasheet HTML 4Page - Panasonic Semiconductor AN7805R Datasheet HTML 5Page - Panasonic Semiconductor AN7805R Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VO
5.2
V
5
VO
V
VI=7.5 to 20V, IO=5 to 350mA,
Tj=0 to 125˚C, PD 15W
REGIN
100
mV
3
VI=7.5 to 25V, Tj=25˚C
mV
REGL
mV
20
IO=5 to 500mA, Tj=25˚C
mV
IO=5 to 200mA, Tj=25˚C
VI=8 to 25V, Tj=25˚C
mA
4.6
Tj=25˚C
1
Ibias
mA
VI=8 to 25V, Tj=25˚C
mA
µV
40
IO=5 to 350mA, Tj=25˚C
Vno
dB
f=10Hz to 100kHz
0.8
0.5
50
5.25
100
50
6
62
4.8
4.75
RR
VI=8 to 18V, IO=100mA, f=120Hz
2
IO=500mA, Tj=25˚C
300
mA
mA
700
VI=35V, Tj=25˚C
10
Tj=25˚C
– 0.5
IO=5mA, Tj=0 to 125˚C
1
mA
1
Output voltage
Output voltage tolerance
Line regulation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Load regulation
Bias current
Input bias current fluctuation
Output short circuit current
Peak output current
Output voltage temperature coefficient
Output voltage at reset
Reset input current
Parameter
Symbol
Condition
min
typ
max
Unit
Tj=25˚C
V
V
IO (Peak)
mV/˚C
VO (Reset)
Tj=25˚C, II (Reset)=1mA
II (Reset)
AN78M00R Series
· AN78M05R (500mA, 5V Type)
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=10V, IO=350mA, CI=0.33
µF, C
O=0.1
µF, T
j=0 to 125˚C
s Electrical Characteristics (Ta=25˚C)
∆I
bias (IN)
∆I
bias (L)
VDIF (min.)
IO (Short)
∆V
O/Ta
Tj=25˚C
<
=
VO
8.3
V
8
VO
V
VI=10.5 to 23V, IO=5 to 350mA,
Tj=0 to 125˚C, PD 15W
REGIN
100
mV
6
VI=10.5 to 25V, Tj=25˚C
mV
REGL
mV
25
IO=5 to 500mA, Tj=25˚C
mV
IO=5 to 200mA, Tj=25˚C
VI=11 to 25V, Tj=25˚C
mA
4.1
Tj=25˚C
2
Ibias
mA
VI=10.5 to 25V, Tj=25˚C
mA
52
IO=5 to 350mA, Tj=25˚C
Vno
dB
f=10Hz to 100kHz
0.8
0.5
50
8.4
160
80
6
56
7.7
7.6
RR
VI=11.5 to 21.5V, IO=100mA, f=120Hz
V
2
IO=500mA, Tj=25˚C
mA
300
A
0.7
VI=35V, Tj=25˚C
10
Tj=25˚C
– 0.5
IO=5mA, Tj=0 to 125˚C
V
1
mA
1
Tj=25˚C
Output voltage
Output voltage tolerance
Line regulation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Load regulation
Bias current
Input bias current fluctuation
Output short circuit current
Peak output current
Output voltage temperature coefficient
Output voltage at reset
Reset input current
Parameter
Symbol
Condition
min
typ
max
Unit
µV
Tj=25˚C
IO (Peak)
mV/˚C
VO (Reset)
Tj=25˚C, II (Reset)=1mA
II (Reset)
· AN78M08R (500mA, 8V Type)
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=14V, IO=350mA, CI=0.33
µF, C
O=0.1
µF, T
j=0 to 125˚C
∆I
bias (IN)
∆I
bias (L)
VDIF (min.)
IO (Short)
∆V
O/Ta
<
=


Similar Part No. - AN7805R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7805 PANASONIC-AN7805 Datasheet
507Kb / 10P
   3-pin positive output voltage regulator (1 A type)
AN7805 PANASONIC-AN7805 Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
logo
List of Unclassifed Man...
AN7805 ETC2-AN7805 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN7805F PANASONIC-AN7805F Datasheet
507Kb / 10P
   3-pin positive output voltage regulator (1 A type)
AN7805F PANASONIC-AN7805F Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
More results

Similar Description - AN7805R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78M00 PANASONIC-AN78M00 Datasheet
70Kb / 9P
   3-pin Positive Output Voltage Regulators 500mA Type
AN79M00 PANASONIC-AN79M00 Datasheet
70Kb / 9P
   3-pin Negative Output Voltage Regulators 500mA Type
AN7900T PANASONIC-AN7900T Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
logo
E-CMOS Corporation
EC78XXM E-CMOS-EC78XXM Datasheet
893Kb / 15P
   500mA Positive Voltage Regulators
logo
Panasonic Semiconductor
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
logo
Global Mixed-mode Techn...
G78MXX GMT-G78MXX Datasheet
78Kb / 1P
   1A Positive Voltage Regulators
logo
List of Unclassifed Man...
CYT8117 ETC2-CYT8117 Datasheet
1Mb / 6P
   1A Positive Voltage Regulators
logo
E-CMOS Corporation
EC50117E E-CMOS-EC50117E Datasheet
637Kb / 6P
   1A Positive Voltage Regulators
logo
Seaward Electronics Inc...
SE8117 SEAWARD-SE8117 Datasheet
361Kb / 8P
   1A Positive Voltage Regulators
logo
List of Unclassifed Man...
SE8117 ETC-SE8117 Datasheet
162Kb / 5P
   1A Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com