Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7513S Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN7513S
Description  BTL Audio Power IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7513S Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN7513S Datasheet HTML 1Page - Panasonic Semiconductor AN7513S Datasheet HTML 2Page - Panasonic Semiconductor AN7513S Datasheet HTML 3Page - Panasonic Semiconductor AN7513S Datasheet HTML 4Page - Panasonic Semiconductor AN7513S Datasheet HTML 5Page - Panasonic Semiconductor AN7513S Datasheet HTML 6Page - Panasonic Semiconductor AN7513S Datasheet HTML 7Page - Panasonic Semiconductor AN7513S Datasheet HTML 8Page - Panasonic Semiconductor AN7513S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
AN7510, AN7510S
Dual 0.5,1W BTL Audio Power Amplifier Circuit
s Features
• AN7510: Vcc=5V,Output=1W(8
Ω)
• AN7510S:Vcc=5V,Output=0.5W(16
Ω)
• Built-in Standby function.
• Built-in Mute circuits.
s Applications
• TVs, Audio equipment, Personal computers,Active speakers
Unit : mm
Unit : mm
SOP016-P-0300
AN7510
AN7510S
s Block Diagram
HDIP016-P-0300
28dB
28dB
Attenuator
Attenuator
Ripple
Rejection
Circuit
Thermal
Shutdown
Attenuator
control
2
11
8
10
12
13
15
14
VCC
GND
(ch.1 Output)
GND
(ch.2 Output)
ch.2 Output
ch.2 Output
Standby
ch.1 Output
ch.1 Output
28dB
28dB
1
2
3
4
5
6
7
8
10
9
11
12
13
14
15
16
6.35±0.3
4.7±0.25
1.06±0.25
3.05
±0.25
17
7.62±0.25
0 to 6
0.45
+0.1
–0.05
0.5±0.1
φ2.1
0.4±0.25
1.27
(0.4)
345
6
7
8
2
1
14 13 12 11 10 9
15
16
10.09±0.3
7.6±0.3
5.5±0.3
(0.4)


Similar Part No. - AN7513S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
logo
List of Unclassifed Man...
AN7511 ETC2-AN7511 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN7511S PANASONIC-AN7511S Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
AN7515SH PANASONIC-AN7515SH Datasheet
314Kb / 28P
   Audio signal processing IC for notebook PC
More results

Similar Description - AN7513S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7551Z PANASONIC-AN7551Z Datasheet
100Kb / 11P
   Power IC for BTL car audio
logo
Toshiba Semiconductor
TA8231LQ TOSHIBA-TA8231LQ_06 Datasheet
879Kb / 12P
   42W BTL 횞 2CH Audio Power IC
logo
Panasonic Semiconductor
AN7561Z PANASONIC-AN7561Z Datasheet
100Kb / 11P
   BTL output power IC for car audio
logo
Toshiba Semiconductor
TB2939HQ TOSHIBA-TB2939HQ Datasheet
362Kb / 18P
   45W × 4-ch BTL Audio Power IC
Rev-1.0 2009-01-21
TA8231L TOSHIBA-TA8231L Datasheet
354Kb / 9P
   42W BTL x 2CH AUDIO POWER IC
logo
Panasonic Semiconductor
AN7555NZ PANASONIC-AN7555NZ Datasheet
56Kb / 5P
   BTL output power IC for car audio
logo
Toshiba Semiconductor
TA8231LQ TOSHIBA-TA8231LQ Datasheet
866Kb / 10P
   42W BTL 횞 2CH Audio Power IC
logo
Panasonic Semiconductor
AN7555Z PANASONIC-AN7555Z Datasheet
59Kb / 5P
   BTL output power IC for car audio
AN7560Z PANASONIC-AN7560Z Datasheet
109Kb / 10P
   BTL output power IC for car audio
logo
Toshiba Semiconductor
TB2929HQ TOSHIBA-TB2929HQ Datasheet
268Kb / 17P
   45W × 4-ch BTL Audio Power IC
2009-01-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com