Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AN78L00 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. AN78L00
Description  3-pin Positive Output Voltage Regulator 100mA Type
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN78L00 Datasheet(HTML) 2 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VI
PD
Topr
Tstg
V
V
mW
˚C
˚C
Parameter
Symbol
Rating
Unit
s Absolute Maximum Ratings (Ta=25˚C)
35 *1
40 *2
650 *3
–30 to +80
–55 to +150
–55 to +125
Input voltage
Power dissipation
Operating ambient temperature
Storage temperature
AN78L00 Series
AN78L00M Series
*1 AN78L04/M, AN78L05/M, AN78L06/M, AN78L07/M, AN78L08/M, AN78L09/M, AN78L10/M, AN78L12/M, AN78L15/M
*2 AN78L18/M, AN78L20/M, AN78L24/M
*3 Follow the derating curve. When Tj exceeds 150˚C, the internal circuit shuts off the output.
Mounting onto the PCB (20
× 20 × 1.7mm glass epoxy copper foil 1cm2 or more), for AN78L00M Series.
VO
4.16
V
4
Tj=25˚C
VO
V
VI=6.5 to 19V, IO=1 to 70mA
REGIN
145
mV
50
VI=6.5 to 19V, Tj=25˚C
mV
REGL
mV
10
IO=1 to 100mA, Tj=25˚C
mV
IO=1 to 40mA, Tj=25˚C
VI=7 to 19V, Tj=25˚C
mA
2
Tj=25˚C
40
Ibias
mA
VI=7 to 19V, Tj=25˚C
mA
40
IO=1 to 40mA, Tj=25˚C
Vno
dB
f=10Hz to 100kHz
1
0.1
95
4.2
55
30
3
48
3.84
3.8
RR
VI=7 to 17V, IO=40mA, f=120Hz
V
1.7
Tj=25˚C
mA
140
– 0.6
Tj=25˚C, VI=35V
4.5
58
IO=5mA, Tj=0 to 125˚C
Parameter
Symbol
Condition
min
typ
max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Note 1) The specified condition Tj=25˚C means that the test should be conducted with each test time reducedt (within 10ms) so that
the drift in characteristic value due to a temperature rise at chip junction can be innored.
Note 2) Unless otherwise specified, VI=9V, IO=40mA, CI=0.33
µF, C
O=0.1
µF, T
j=0 to 125˚C (AN78L04) and Tj=0 to 100˚C
(AN78L04M).
Bias current
Input bias current fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum I/O voltage difference
Output short-circuit current
Output voltage temperature cofficient
Unit
s Electrical Characteristics (Ta=25˚C)
· AN78L04/AN78L04M (4V Type)
∆I
bias (IN)
∆I
bias (L)
VDIF (min.)
IO (Short)
∆V
O/Ta
µV
mV/˚C


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn