Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN78L00 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN78L00
Description  3-pin Positive Output Voltage Regulator 100mA Type
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN78L00 Datasheet(HTML) 1 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
s Overview
The AN78L00 series is 3-pin fixed positive output type
monolithic voltage regulators.
A Stabilized fixed output voltage is obtained from an
unstable DC input voltage without using any external
parts. Eleven types of fixed output voltage are available
from 4V through 10V, 12V, 15V, 18V, 20V, and 24V. They
can be used widely as power circuits with a current
capacitance of up to 100mA.
s Features
• No external components
• Output voltage:4V, 5V, 6V, 7V, 8V, 9V, 10V, 12V,
15V, 18V, 20V, 24V
• Internal short-circuit current limiting
• Internal thermal overload protection
AN78L00/AN78L00M Series
3-pin Positive Output Voltage Regulator (100mA Type)
s Block Diagram
Unit:mm
AN78L00 Series
5.0
±0.2
TO-92 Package (SSIP003-P-0000)
0.45
2.3
±0.2
1:Input
2:Output
3:Common
2.54
(Bottom View)
3
21
+ 0.2
– 0.1
4.0
±0.2
1:Output
2:Common
3:Input
0.44max.
AN78L00M Series
Unit:mm
3-pin SIL Mini Power Type Plastic Package (HSIP003-P-0000B)
4.6max.
1.6max.
0.48max.
1.8max.
1.5
3.0
0.58max.
4.5
12
3
1
2
3
Input
Pass Tr
Output
Common
Starter
Voltage
Reference
Current
Source
Error Amp.
+
Thermal
Protection
Q1
RSC
R2
R1
Current
Limiter
3
1
2
Pin Number in
are for AN78L00 Series
Pin Number in
are for AN78L00M Series


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn