Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN78L00 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part No. AN78L00
Description  3-pin Positive Output Voltage Regulator 100mA Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN78L00 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN78L00 Datasheet HTML 1Page - Panasonic Semiconductor AN78L00 Datasheet HTML 2Page - Panasonic Semiconductor AN78L00 Datasheet HTML 3Page - Panasonic Semiconductor AN78L00 Datasheet HTML 4Page - Panasonic Semiconductor AN78L00 Datasheet HTML 5Page - Panasonic Semiconductor AN78L00 Datasheet HTML 6Page - Panasonic Semiconductor AN78L00 Datasheet HTML 7Page - Panasonic Semiconductor AN78L00 Datasheet HTML 8Page - Panasonic Semiconductor AN78L00 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VO
9.35
V
9
Tj=25˚C
VO
V
VI=11.5 to 24V, IO=1 to 70mA
REGIN
190
mV
90
VI=11.5 to 24V, Tj=25˚C
mV
REGL
mV
16
IO=1 to 100mA, Tj=25˚C
mV
IO=1 to 40mA, Tj=25˚C
VI=12 to 24V, Tj=25˚C
mA
2
Tj=25˚C
80
Ibias
mA
VI=12 to 24V, Tj=25˚C
mA
65
IO=1 to 40mA, Tj=25˚C
Vno
dB
f=10Hz to 100kHz
1
0.1
140
9.45
85
45
3
43
8.64
8.55
RR
VI=12 to 22V, IO=40mA, f=120Hz
V
1.7
Tj=25˚C
mA
140
– 0.85
Tj=25˚C , VI=35V
8
53
IO=5mA, Tj=0 to 125˚C
Parameter
Symbol
Condition
min
typ
max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum I/O voltage difference
Output short-circuit current
Output voltage temperature cofficient
Unit
Note 1) The specified condition Tj=25˚C means that the test should be conducted with each test time reducedt (within 10ms) so that
the drift in characteristic value due to a temperature rise at chip junction can be innored.
Note 2) Unless otherwise specified, VI=15V, IO=40mA, CI=0.33
µF, C
O=0.1
µF, T
j=0 to 125˚C (AN78L09) and Tj=0 to 100˚C
(AN78L09M).
s Electrical Characteristics (Ta=25˚C)
· AN78L09/AN78L09M (9V Type)
∆I
bias (IN)
∆I
bias (L)
VDIF (min.)
IO (Short)
∆V
O/Ta
µV
mV/˚C
VO
10.4
V
10
Tj=25˚C
VO
V
VI=12.5 to 25V, IO=1 to 70mA
REGIN
210
mV
100
VI=12.5 to 25V, Tj=25˚C
mV
REGL
mV
17
IO=1 to 100mA, Tj=25˚C
mV
IO=1 to 40mA, Tj=25˚C
VI=13 to 25V, Tj=25˚C
mA
2
Tj=25˚C
90
Ibias
mA
VI=13 to 25V, Tj=25˚C
mA
70
IO=1 to 40mA, Tj=25˚C
Vno
dB
f=10Hz to 100kHz
1
0.1
160
10.5
90
45
3
42
9.6
9.5
RR
VI=13 to 23V, IO=40mA, f=120Hz
V
1.7
Tj=25˚C
mA
140
– 0.9
Tj=25˚C, VI=35V
9
52
IO=5mA, Tj=0 to 125˚C
Parameter
Symbol
Condition
min
typ
max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum I/O voltage difference
Output short-circuit current
Output voltage temperature cofficient
Unit
Note 1) The specified condition Tj=25˚C means that the test should be conducted with each test time reducedt (within 10ms) so that
the drift in characteristic value due to a temperature rise at chip junction can be innored.
Note 2) Unless otherwise specified, VI=16V, IO=40mA, CI=0.33
µF, C
O=0.1
µF, T
j=0 to 125˚C (AN78L10) and Tj=0 to 100˚C
(AN78L10M).
· AN78L10/AN78L10M (10V Type)
∆I
bias (IN)
∆I
bias (L)
VDIF (min.)
IO (Short)
∆V
O/Ta
µV
mV/˚C


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AN79L00 3-pin Negative Output Voltage Regulator 100mA Type 1  2  3  4  5  More Panasonic Semiconductor
AN78LXX 3-pin positive output voltage regulator 100 mA type 1  2  3  4  5  More Panasonic Semiconductor
AN7805F 3-pin positive output voltage regulator 1 A type 1  2  3  4  5  More Panasonic Semiconductor
AN8000 3-pin Positive Output Low Dropout Voltage Regulator 50mA Type 1  2  3  4  5  More Panasonic Semiconductor
AN80XX 3-pin positive output low dropout voltage regulator 50 mA type 1  2  3  4  5  More Panasonic Semiconductor
AN7805NSP 3-pin positive output voltage regulator 1 A type 1  2  3  4  5  More Panasonic Semiconductor
AN7800 3-pin Positive Output Voltage Regulator 1A Type 1  2  3  4  5  More Panasonic Semiconductor
AN78N00 3-pin Positive Output Voltage Regulator 300mA Type 1  2  3  4  5  More Panasonic Semiconductor
AN79N00 3-pin Negative Output Voltage Regulator 300mA Type 1  2  3  4  5  More Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn