Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN78L00 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. AN78L00
Description  3-pin Positive Output Voltage Regulator 100mA Type
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN78L00 Datasheet(HTML) 4 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VO
7.28
V
7
Tj=25˚C
VO
V
VI=9.5 to 22V, IO=1 to 70mA
REGIN
165
mV
70
VI=9.5 to 22V, Tj=25˚C
mV
REGL
mV
13
IO=1 to 100mA, Tj=25˚C
mV
IO=1 to 40mA, Tj=25˚C
VI=10 to 22V, Tj=25˚C
mA
2
Tj=25˚C
60
Ibias
mA
VI=10 to 22V, Tj=25˚C
mA
50
IO=1 to 40mA, Tj=25˚C
Vno
dB
f=10Hz to 100kHz
1
0.1
115
7.35
75
35
3
45
6.72
6.65
RR
VI=10 to 20V, IO=40mA, f=120Hz
V
1.7
Tj=25˚C
mA
140
– 0.75
Tj=25˚C, VI=35V
6
55
IO=5mA, Tj=0 to 125˚C
Parameter
Symbol
Condition
min
typ
max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum I/O voltage difference
Output short-circuit current
Output voltage temperature cofficient
Unit
Note 1) The specified condition Tj=25˚C means that the test should be conducted with each test time reducedt (within 10ms) so that
the drift in characteristic value due to a temperature rise at chip junction can be innored.
Note 2) Unless otherwise specified, VI=12V, IO=40mA, CI=0.33
µF, C
O=0.1
µF, T
j=0 to 125˚C (AN78L07) and Tj=0 to 100˚C
(AN78L07M).
s Electrical Characteristics (Ta=25˚C)
· AN78L07/AN78L07M (7V Type)
∆I
bias (IN)
∆I
bias (L)
VDIF (min.)
IO (Short)
∆V
O/Ta
µV
mV/˚C
VO
8.3
V
8
Tj=25˚C
VO
V
VI=10.5 to 23V, IO=1 to 70mA
REGIN
175
mV
80
VI=10.5 to 23V, Tj=25˚C
mV
REGL
mV
15
IO=1 to 100mA, Tj=25˚C
mV
IO=1 to 40mA, Tj=25˚C
VI=11 to 23V, Tj=25˚C
mA
2
Tj=25˚C
70
Ibias
mA
VI=11 to 23V, Tj=25˚C
mA
60
IO=1 to 40mA, Tj=25˚C
Vno
dB
f=10Hz to 100kHz
1
0.1
125
8.4
80
40
3
44
7.7
7.6
RR
VI=11 to 21V, IO=40mA, f=120Hz
V
1.7
Tj=25˚C
mA
140
– 0.8
Tj=25˚C, VI=35V
7
54
IO=5mA, Tj=0 to 125˚C
Parameter
Symbol
Condition
min
typ
max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias current fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum I/O voltage difference
Output short-circuit current
Output voltage temperature cofficient
Unit
Note 1) The specified condition Tj=25˚C means that the test should be conducted with each test time reducedt (within 10ms) so that
the drift in characteristic value due to a temperature rise at chip junction can be innored.
Note 2) Unless otherwise specified, VI=14V, IO=40mA, CI=0.33
µF, C
O=0.1
µF, T
j=0 to 125˚C (AN78L08) and Tj=0 to 100˚C
(AN78L08M).
· AN78L08/AN78L08M (8V Type)
∆I
bias (IN)
∆I
bias (L)
VDIF (min.)
IO (Short)
∆V
O/Ta
µV
mV/˚C


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn