Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7716P Datasheet(PDF) 14 Page - OKI electronic componets

Part # MSM7716P
Description  Single Rail Linear CODEC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7716P Datasheet(HTML) 14 Page - OKI electronic componets

Back Button MSM7716P Datasheet HTML 10Page - OKI electronic componets MSM7716P Datasheet HTML 11Page - OKI electronic componets MSM7716P Datasheet HTML 12Page - OKI electronic componets MSM7716P Datasheet HTML 13Page - OKI electronic componets MSM7716P Datasheet HTML 14Page - OKI electronic componets MSM7716P Datasheet HTML 15Page - OKI electronic componets MSM7716P Datasheet HTML 16Page - OKI electronic componets MSM7716P Datasheet HTML 17Page - OKI electronic componets MSM7716P Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
FEDL7716P-01
OKI Semiconductor
MSM7716P
14/23
AC Characteristics (Continued)
(FS = 8 kHz, VDD = 3.0 to 3.6 V, Ta = –40 to +85°C)
Parameter
Symbol
Freq.
(Hz)
Level
(dBm0)
Condition
Min.
Typ.
Max.
Unit
Overall Idle Channel Noise
Nidle A
AIN: no signal
*1
–70
–66
dBm0p
Transmit Idle Channel Noise
(Expected Value)
Nidle T
–71
–67
Receive Idle Channel Noise
(Expected Value)
Nidle R
AIN: no signal
*1
–76
–74
dBm0p
AV T
0.338
0.350
0.362
Absolute Level (Initial Level)
AV R
1020
0
VDD=3.0 V
Ta=25°C
*2
0.483
0.500
0.518
Vrms
AV Tt
–0.2
+0.2
dB
Absolute Level
(Deviation of Temperature and
Power)
AV Rt
VDD = +3.0
to 3.6 V
Ta = –40
to 85°C
–0.2
+0.2
dB
Absolute Delay
tD
1020
0
A to A
BCLK
= 64 kHz
0.6
ms
tGD T1
500
0.325
tGD T2
600 to 2600
0.175
Transmit Group Delay
tGD T3
2800
0
*3
0.325
ms
tGD R1
500 to 2600
0.00
0.125
Receive Group Delay
tGD R2
2800
0
*3
0.12
0.325
ms
CR T
TRANS
→RECV
75
85
Crosstalk Attenuation
CR R
1020
0
RECV
→TRANS
70
80
dB
*1 Psophometric filter is used.
*2 AVT is defined at MAO and PBO-PCMOUT.
AVR is defined at PCMIN-VFO.
VOL = 0 dB
*3 Minimum value of the group delay distortion


Similar Part No. - MSM7716P

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7716 OKI-MSM7716 Datasheet
163Kb / 22P
   Single Rail Linear CODEC
MSM7716GS-K OKI-MSM7716GS-K Datasheet
163Kb / 22P
   Single Rail Linear CODEC
MSM7716TS-K OKI-MSM7716TS-K Datasheet
163Kb / 22P
   Single Rail Linear CODEC
More results

Similar Description - MSM7716P

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7716 OKI-MSM7716 Datasheet
163Kb / 22P
   Single Rail Linear CODEC
MSM7728 OKI-MSM7728 Datasheet
150Kb / 23P
   Single Rail Linear CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
   Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com