Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN77033SP Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AN77033SP
Description  Low-dropout three-pin voltage regulator 1.2-A type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN77033SP Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AN77033SP Datasheet HTML 3Page - Panasonic Semiconductor AN77033SP Datasheet HTML 4Page - Panasonic Semiconductor AN77033SP Datasheet HTML 5Page - Panasonic Semiconductor AN77033SP Datasheet HTML 6Page - Panasonic Semiconductor AN77033SP Datasheet HTML 7Page - Panasonic Semiconductor AN77033SP Datasheet HTML 8Page - Panasonic Semiconductor AN77033SP Datasheet HTML 9Page - Panasonic Semiconductor AN77033SP Datasheet HTML 10Page - Panasonic Semiconductor AN77033SP Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Voltage Regulators
AN7700, AN7700F, AN7700SP Series
7
s Electrical Characteristics at Ta = 25°C (continued)
• AN7704/F (4-V type)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output voltage
VOUT
VIN = 5 V, IOUT = 500 mA,
3.88
4.00
4.12
V
Tj = 25°C
Line regulation
REGIN VIN = 5 V to 15 V, IOUT = 500 mA,
440
mV
Tj = 25°C
Load regulation
REGLOA VIN = 5 V, IOUT = 0 mA to 1 200 mA,
20
80
mV
Tj = 25°C
Input dependency of bias current
∆I
Bias(IN)
VIN = 5 V to 15 V, IOUT = 500 mA,
1.0
10
mA
Tj = 25°C
Load dependency of bias current
∆I
Bias(LOA) VIN = 5 V, IOUT = 0 mA to 1 200 mA,
10
50
mA
Tj = 25°C
Bias current at no load
IBias
VIN = 5 V, IOUT = 0 mA
2.6
5.0
mA
Bias current
Irush
VIN = 3.6 V, IOUT = 0 mA
35
mA
before the regulation starts
Minimum I/O voltage difference 1 VDIF(min)1 VIN = 3.6 V, IOUT = 500 mA,
0.4
0.6
V
Tj = 25°C
Minimum I/O voltage difference 2 VDIF(min)2 VIN = 3.6 V, IOUT = 1 200 mA,
0.5
1.0
V
Tj = 25°C
Peak output current 1 *
IO(Peak)1 VIN = 5 V, Tj = 25°C
1.2
1.8
2.4
A
Peak output current 2 *
IO(Peak)2 VIN = 14 V, Tj = 25°C
1.5
A
Peak output current 3 *
IO(Peak)3 VIN = 19 V, Tj = 25°C
1.0
A
Ripple rejection ratio
RR
VIN = 5 V to 7 V, IOUT = 100 mA,
52
72
dB
f
= 120 Hz
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output short-circuit current
IO(Short) VIN = 30 V, Tj = 25°C
10
mA
The load is shorted.
Thermal protection operating
Tj(TH)
VIN = 5 V
150
°C
temperature
Output voltage temperature
a
VIN = 5 V, Tj = 25°C to 12°C
−40
 ppm/°C
coefficient
Note) *: This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally,
it shall conform to the derating curve ( s Characteristic curve chart PD  Ta ).
• Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.


Similar Part No. - AN77033SP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN77L00 PANASONIC-AN77L00 Datasheet
81Kb / 8P
   3-pin Low Power Loss Voltage Regulato (100mA Type)
AN77L00M PANASONIC-AN77L00M Datasheet
81Kb / 8P
   3-pin Low Power Loss Voltage Regulato (100mA Type)
AN77L03 PANASONIC-AN77L03 Datasheet
81Kb / 8P
   3-pin Low Power Loss Voltage Regulato (100mA Type)
AN77L03 PANASONIC-AN77L03 Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN77L035 PANASONIC-AN77L035 Datasheet
81Kb / 8P
   3-pin Low Power Loss Voltage Regulato (100mA Type)
More results

Similar Description - AN77033SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TLV1112 STMICROELECTRONICS-TLV1112 Datasheet
323Kb / 12P
   1.2-V, 0.8-A LOW-DROPOUT VOLTAGE REGULATOR
LDL1117 STMICROELECTRONICS-LDL1117 Datasheet
1Mb / 23P
   1.2 A high PSRR low-dropout linear voltage regulator
Rev 6 - April 2020
logo
Toshiba Semiconductor
TA48015BF TOSHIBA-TA48015BF_09 Datasheet
235Kb / 12P
   1 A Three-Terminal Low-Dropout Voltage Regulator
TA48015BF TOSHIBA-TA48015BF Datasheet
252Kb / 11P
   1 A Three-Terminal Low-Dropout Voltage Regulator
logo
Analog Devices
ADP1754 AD-ADP1754 Datasheet
738Kb / 20P
   1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1755ACPZ AD-ADP1755ACPZ Datasheet
709Kb / 20P
   1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. F
logo
ON Semiconductor
NCV8187 ONSEMI-NCV8187_V01 Datasheet
580Kb / 19P
   Voltage Regulator - Low Iq, Low Dropout, Power Good Output 1.2 A
August, 2021 ??Rev. 8
NCV8187 ONSEMI-NCV8187 Datasheet
278Kb / 12P
   Voltage Regulator - Low Iq, Low Dropout, Power Good Output 1.2 A
August, 2020 ??Rev. 2
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com