Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML63193 Datasheet(PDF) 33 Page - OKI electronic componets

Part # ML63193
Description  4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63193 Datasheet(HTML) 33 Page - OKI electronic componets

Back Button ML63193 Datasheet HTML 29Page - OKI electronic componets ML63193 Datasheet HTML 30Page - OKI electronic componets ML63193 Datasheet HTML 31Page - OKI electronic componets ML63193 Datasheet HTML 32Page - OKI electronic componets ML63193 Datasheet HTML 33Page - OKI electronic componets ML63193 Datasheet HTML 34Page - OKI electronic componets ML63193 Datasheet HTML 35Page - OKI electronic componets ML63193 Datasheet HTML 36Page - OKI electronic componets ML63193 Datasheet HTML 37Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
FEDL63193-04
1Semiconductor
ML63193
33/37
AC Characteristics (Serial Interface, Shift Register)
(VDD = 0.9 to 5.5 V, VDDH = 1.8 to 5.5 V, VDDI = 5.0 V, VSS = 0 V, Ta = –20 to +70
°C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
SCLK Input Fall Time
tf
——
1.0
SCLK Input Rise Time
tr
——
1.0
SCLK Input “L” Level Pulse Width
tCWL
—0.8
SCLK Input “H” Level Pulse Width
tCWH
—0.8
SCLK Input Cycle Time
tCYC
1.8
tCYC1(O)
CPU is in operating at
32.768 kHz
30.5
SCLK Output Cycle Time
tCYC2(O)
CPU is in operating at 2 MHz
VDD = VDDH = 1.8 to 3.5 V
—0.5
SOUT Output Delay Time
tDDR
CL = 10 pF
0.4
SIN Input Setup Time
tDS
—0.5
SIN Input Hold Time
tDH
—0.8
µs
AC characteristics timing
(“H” level = 4.0 V, “L” level = 1.0 V)
tr
tf
tCWH
tCWL
tDDR
tDDR
tCYC
tDS
tDS
tDH
VDDI
VSS
VDDI
VSS
VDDI
VSS
SCLK (PE.2)
SOUT (PE.1)
SIN (PE.0)


Similar Part No. - ML63193

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
ML63187B OKI-ML63187B Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63187B-XXXGA OKI-ML63187B-XXXGA Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63187B-XXXWA OKI-ML63187B-XXXWA Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63189B OKI-ML63189B Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
More results

Similar Description - ML63193

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
   4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
MSM63188A OKI-MSM63188A Datasheet
300Kb / 33P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,Operating at 0.9 V (Min.)
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153A OKI-MSM64153A Datasheet
146Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64155A OKI-MSM64155A Datasheet
150Kb / 26P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64P155 OKI-MSM64P155 Datasheet
181Kb / 29P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM6051 OKI-MSM6051 Datasheet
91Kb / 7P
   Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
MSM63P180 OKI-MSM63P180 Datasheet
214Kb / 35P
   4-Bit Microcontroller with Built-in 16K Word PROM and 1024-Dot Matrix LCD Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com