Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN7800 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. AN7800
Description  3-pin Positive Output Voltage Regulator 1A Type
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN7800 Datasheet(HTML) 2 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VI
PD
Topr
Tstg
V
V
W
˚C
˚C
s Absolute Maximum Ratings (Ta=25˚C)
35 *1
40 *2
15 *3
10.25 *3
–30 to+80
–55 to+150
AN7800 Series
AN7800F Series
Input voltage
Power dissipation
Operating ambient temperature
Storage temperature
*1 AN7805/F, AN7806/F, AN7807/F, AN7808/F, AN7809/F, AN7810/F, AN7812/F, AN7815/F, AN7818/F
*2 AN7820/F, AN7824/F
*3 Follow the derating curve. When Tj exceeds 150˚C, the internal circuit cuts off output.
Parameter
Symbol
Rating
Unit
VO
5.2
V
5
Tj=25˚C
VO
V
VI=8 to 20V, IO=5mA to 1A,
Tj=0 to 125˚C, PD *
REGIN
100
mV
3
VI=7.5 to 25V, Tj=25˚C
mV
REGL
mV
15
IO=5mA to 1.5A, Tj=25˚C
mV
IO=250 to 750mA, Tj=25˚C
VI=8 to 12V, Tj=25˚C
mA
3.9
Tj=25˚C
1
Ibias
mA
VI=7.5 to 25V, Tj=25˚C
∆I
bias (IN)
mA
∆I
bias (L)
µV
40
IO=5mA to 1A, Tj=25˚C
Vno
dB
f=10Hz to 100kHz
1.3
0.5
50
5.25
100
50
8
62
4.8
4.75
RR
VI=8 to 18V, IO=100mA, f=120Hz
V
2
IO=1A, Tj=25˚C
VDIF (min.)
m
17
ZO
mA
700
f=1kHz
IO (Short)
A
2
VI=25V, Tj=25˚C
5
IO (Peak)
Tj=25˚C
mV/˚C
– 0.3
∆V
O/Ta
IO=5mA, Tj=0 to 125˚C
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Note 1) The specified condition Tj=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) When not specified, VI=10V, IO=500mA, CI=0.33
µF and C
O=0.1
µF.
* AN7800 Series:15W, AN7800F Series:10.25W
Bias current
Input bias current change
Load bias current change
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short circuit current
Output impedance
Peak output current
Output voltage temperature coefficient
s Electrical Characteristics (Ta=25˚C)
· AN7805/7805F (5V Type)
Parameter
Symbol
Condition
min
typ
max
Unit
=
<


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn