Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7560 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN7560
Description  BTL output power IC for car audio
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7560 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN7560 Datasheet HTML 1Page - Panasonic Semiconductor AN7560 Datasheet HTML 2Page - Panasonic Semiconductor AN7560 Datasheet HTML 3Page - Panasonic Semiconductor AN7560 Datasheet HTML 4Page - Panasonic Semiconductor AN7560 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
AN7555NZ
ICs for Audio Common Use
s Block Diagram
Pin No.
Description
1
Ch.4
+ output
2
GND (ch.4 output)
3
Ch.4
− output
4
Supply voltage VCC
5
Ch.3
+ output
6
GND (ch.3 output)
7
Ch.3
− output
8
GND (ch.3 output)
9
Ch.2 + output
10
AUX input
11
Ch.2
− output
12
Supply voltage Vcc
13
Ch.1
+ output
s Pin Descriptions
Pin No.
Description
14
GND (ch.1 output)
15
Ch.1
− output
16
Standby
17
Ch.1 input
18
Beep input
19
Ch.2 input
20
GND (input)
21
Ch.4 input
22
GND (printed circuit board)
23
Ch.3 input
24
Muting
25
Ripple filter
Ripple
filter
Beep
input
Protection
circuit
Attenuation
control
AUX
input
25
5
7
16
9
8
11
13
14
15
GND (output)
GND (output)
Attenuator
Attenuator
GND (output)
GND (output)
6
1
3
2
Note) It is not necessary to connect capacitor and resistor for stopping the oscillation at the output terminals.
Use them after check if necessary for noise countermeasure.


Similar Part No. - AN7560

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7560 PANASONIC-AN7560 Datasheet
109Kb / 10P
   BTL output power IC for car audio
AN7560Z PANASONIC-AN7560Z Datasheet
109Kb / 10P
   BTL output power IC for car audio
More results

Similar Description - AN7560

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7561Z PANASONIC-AN7561Z Datasheet
100Kb / 11P
   BTL output power IC for car audio
AN7555Z PANASONIC-AN7555Z Datasheet
59Kb / 5P
   BTL output power IC for car audio
AN7560Z PANASONIC-AN7560Z Datasheet
109Kb / 10P
   BTL output power IC for car audio
AN7551Z PANASONIC-AN7551Z Datasheet
100Kb / 11P
   Power IC for BTL car audio
AN7195K PANASONIC-AN7195K Datasheet
102Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7195Z PANASONIC-AN7195Z Datasheet
100Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7196K PANASONIC-AN7196K Datasheet
50Kb / 5P
   Dual 15 W BTL power IC for car audio
AN7199Z PANASONIC-AN7199Z Datasheet
131Kb / 17P
   Dual 20 W BTL power IC for car audio
AN7196Z PANASONIC-AN7196Z Datasheet
101Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7198Z PANASONIC-AN7198Z Datasheet
148Kb / 20P
   Dual 20 W BTL Power IC for Car Audio
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com