Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MR533252J Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MR533252J
Description  2,097,152-Word X 16-Bit or 4,194,304-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MR533252J Datasheet(HTML) 1 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor
MR533252J
Preliminary
2,097,152-Word X 16-Bit or 4,194,304-Word X 8-Bit
8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
1/6
This version: Feb. 1999
Previous version: -------
DESCRIPTION
The MR533252J is a 32Mbit Read-Only Memory whose configuration can be electrically switched
between 2,097,152 word x 16bit and 4,194,304 word x 8bit. The MR533252J operates asynchronously,
external clocks are not required, making this device easy-to-use. The MR533252J is suitable as large-
capacity fixed memory for microcomputers and data terminals. It is manufactured using a CMOS
silicon gate technology and is offered in 44-pin SOP or 44-pin TSOP packages.
FEATURES
· 2,097,152word x 16bit / 4,194,304 word x 8bit electrically switchable configuration
· 8word x 16-Bit or 16word x 8-bit / Page read mode
· Single +4.5V~5.5V power supply
· Normal Access time
100ns
· Page Access time
40ns
· VCC power supply current
100mA
· VCC standby current
50mA
· Input / Output TTL compatible
· Three-state output
· Packages
44-pin plastic SOP
(SOP44-P-600-1.27-K)
MR533252J-XXMA
44-pin plastic TSOP (TSOPII44-P-400-0.80-K) MR533252J-XXTP


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn