Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR533252J Datasheet(PDF) 2 Page - OKI electronic componets

Part No. MR533252J
Description  2,097,152-Word X 16-Bit or 4,194,304-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MR533252J Datasheet(HTML) 2 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor
MR533252J
2/6
PIN CONFIGURATION (TOP VIEW)
PIN NAMES
FUNCTIONS
D15/A-1
Data output / Address input
A0~A20
Address input
D0~D14
Data output
CE
Chip enable
OE
Output enable
BYTE
Mode switch
VCC
Power supply voltage
VSS
GND
NC
Non connection
2
A18
3
A17
4
A7
5
A6
6
A5
7
A4
8
A3
9
A2
10
A1
11
A0
12
CE
13
VSS
14
OE
15
D0
15
D8
17
D1
18
D9
19
D2
20
D10
21
D3
22
D11
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A19
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE
VSS
D15/A-1
D7
D14
D6
D13
D5
D12
D4
VCC
1
NC
44
A20
44-Pin SOP
44-Pin TSOPII


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn