Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MR53V3252J Datasheet(PDF) 6 Page - OKI electronic componets

Part No. MR53V3252J
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MR53V3252J Datasheet(HTML) 6 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor
MR53V3252J
6/6
AC Characteristics 1
(Vcc=2.7V~3.3V, Ta=0~70`C)
Parameter
Symbol
Condition
Min.
Min.
Unit
Address access cycle time
TC
-
120
-
ns
Address access time
TACC
CE=OE= VIL
-
120
ns
Page set up time
TPSET
NOTE.1
120
-
ns
Page access cycle time
TPC
-40
-
ns
Page access time
TPAC
--
40
ns
CE access time
TCE
OE= VIL
-
120
ns
OE access time
TOE
CE= VIL
-40
ns
TCHZ
OE= VIL
035
ns
Output disable time
TOHZ
CE= VIL
030
ns
Output hold time
TOH
CE=OE= VIL
0-
ns
AC Characteristics 2
(Vcc=3.0V~3.6V, Ta=0~70`C)
Parameter
Symbol
Condition
Min.
Min.
Unit
Address access cycle time
TC
-
100
-
ns
Address access time
TACC
CE=OE= VIL
-
100
ns
Page set up time
TPSET
NOTE.1
100
-
ns
Page access cycle time
TPC
-30
-
ns
Page access time
TPAC
--
30
ns
CE access time
TCE
OE= VIL
-
100
ns
OE access time
TOE
CE= VIL
-30
ns
TCHZ
OE= VIL
030
ns
Output disable time
TOHZ
CE= VIL
025
ns
Output hold time
TOH
CE=OE= VIL
0-
ns
NOTE.1 TPSET is defined as the end of either CE falling edge or address transition in random access
term until the first page address transition.
Measurement condition
Input signal level
0V/3V
Input timing reference level
0.8V/2.0V
Output load
100pF
Output timing reference level
0.8V/2.0V
Output
400W
1.7V
100pF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn