Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MR53V3202J Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MR53V3202J
Description  2,097,152-Word x 16-Bit or 4,097,152-word x 8-Bit MASK ROM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MR53V3202J Datasheet(HTML) 5 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Semiconductor
MR53V3202J
5/7
ELECTRICAL CHARACTERISTICS
DC Characteristics 1
(Vcc=2.7V~3.3V, Ta=0~70`C)
Parameter
Symbol
Condition
Min.
Typ.
Min.
Unit
Input leakage current
CIN
VI=0V~VCC
--
10
mA
Output leakage current
COUT
VO=0V~VCC
--
10
mA
ICCSC
CE= VCC
--
10
mA
VCC power supply current
(Standby)
ICCST
CE= VIH
--
1
mA
VCC power supply current
(Active)
ICCA
CE= VIL, OE= VIH
tc= 120ns
--
30
mA
Input “H“ level
VIH
-2.0
-
VCC+0.5
V
Input “L“ level
VIL
-
-0.5
-
0.8
V
Output “H“ level
VOH
IOH=-200 mA
VCC-0.4
-
-
V
Output “L“ level
VOL
IOL=1mA
-
-
0.4
V
Voltage is relative to VSS
DC Characteristics 2
(Vcc=3.0V~3.6V, Ta=0~70`C)
Parameter
Symbol
Condition
Min.
Typ.
Min.
Unit
Input leakage current
CIN
VI=0V~VCC
--
10
mA
Output leakage current
COUT
VO=0V~VCC
--
10
mA
ICCSC
CE= VCC
--
10
mA
VCC power supply current
(Standby)
ICCST
CE= VIH
--
1
mA
VCC power supply current
(Active)
ICCA
CE= VIL, OE= VIH
tc= 100ns
--
40
mA
Input “H“ level
VIH
-2.0
-
VCC+0.5
V
Input “L“ level
VIL
-
-0.5
-
0.8
V
Output “H“ level
VOH
IOH=-200 mA
VCC-0.4
-
-
V
Output “L“ level
VOL
IOL=1mA
-
-
0.4
V
Voltage is relative to VSS


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn