Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MR53V3202J Datasheet(PDF) 4 Page - OKI electronic componets

Part No. MR53V3202J
Description  2,097,152-Word x 16-Bit or 4,097,152-word x 8-Bit MASK ROM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MR53V3202J Datasheet(HTML) 4 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Semiconductor
MR53V3202J
4/7
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Value
Unit
Operating temperature under bias
TOPR
-0 ~ 70
`C
Storage temperature
TSTG
-
-55 ~ 125
`C
Input voltage
VI
-0.5 ~ VCC+0.5
V
Output voltage
VO
-0.5 ~ VCC+0.5
V
Power supply voltage
VCC
Relative to VSS
-0.5 ~ 5
V
Power dissipation per package
PD
-1.0
W
RECOMMENDED OPERATING CONDITIONS FOR READ
(Ta=0 ~ 70`C)
Parameter
Symbol
Condition
Min.
Typ.
Min.
Unit
VCC power supply voltage
VCC
2.7
-
3.6
`C
Input “H“ level
VIH
2.2
-
VCC+0.5
`C
Input “L“ level
VIL
VCC=2.7V ~ 3.6V
-0.5
-
0.8
V
Voltage is relative to VSS
PIN Capacitance
(Vcc=3.3V, Ta=25`C, f=1MHz)
Parameter
Symbol
Condition
Min.
Typ.
Min.
Unit
Input
CIN
VI=0V
-
-
12
pF
Output
COUT
VO=0V
-
-
15
pF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn