Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MR53V1652J Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MR53V1652J
Description  1,048,576-Word x 16-Bit or 2,097,152-Word x 8-bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MR53V1652J Datasheet(HTML) 1 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor
MR53V1652J
Preliminary
1,048,576-Word X 16-Bit or 2,097,152-Word X 8-Bit
8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
1/6
This version: Feb. 1999
Previous version: -------
DESCRIPTION
The MR53V1652J is a 16Mbit Read-Only Memory whose configuration can be electrically switched
between 1,048,576 word x 16bit and 2,097,152 word x 8bit. The MR53V1652J operates
asynchronously, external clocks are not required, making this device easy-to-use. The MR53V1652J is
suitable as large-capacity fixed memory for microcomputers and data terminals. It is manufactured
using a CMOS silicon gate technology and is offered in 42-pin DIP, 44-pin SOP or 44-pin TSOP
packages.
FEATURES
· 1,048,576 word x 16bit / 2,097,152 word x 8bit electrically switchable configuration
· 8word x 16-Bit or 16word x 8-bit / Page read mode
· Single +2.7V~3.6V power supply
· Normal access time
100ns
· Page access time
30ns
· VCC power supply current
80mA
· VCC standby current
10mA
· Input / Output TTL compatible
· Three-state output
· Packages
42-pin plastic DIP
(DIP42-P-600-2.54)
MR53V1652J-XXRA
44-pin plastic SOP
(SOP44-P-600-1.27-K)
MR53V1652J-XXMA
44-pin plastic TSOP (TSOPII44-P-400-0.80-K) MR53V1652J-XXTP


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn