Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MR53V1652J Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MR53V1652J
Description  1,048,576-Word x 16-Bit or 2,097,152-Word x 8-bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MR53V1652J Datasheet(HTML) 5 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Semiconductor
MR53V1652J
5/6
ELECTRICAL CHARACTERISTICS
DC Characteristics
(Vcc=2.7V~3.6V, Ta=0~70`C)
Parameter
Symbol
Condition
Min.
Typ.
Min.
Unit
Input leakage current
CIN
VI=0V~VCC
--
10
mA
Output leakage current
COUT
VO=0V~VCC
--
10
mA
ICCSC
CE= VCC
--
10
mA
VCC power supply current
(Standby)
ICCST
CE= VIH
--
1
mA
VCC power supply current
(Active)
ICCA
CE= VIL, OE= VIH
tc= 100ns
--
80
mA
Input “H“ level
VIH
-2.0
-
VCC+0.5
V
Input “L“ level
VIL
-
-0.5
-
0.8
V
Output “H“ level
VOH
IOH=-200 mA
VCC-0.4
-
-
V
Output “L“ level
VOL
IOL=1mA
-
-
0.4
V
Voltage is relative to VSS
AC Characteristics
(Vcc=2.7V~3.6V, Ta=0~70`C)
Parameter
Symbol
Condition
Min.
Min.
Unit
Address access cycle time
TC
-
100
-
ns
Address access time
TACC
CE=OE= VIL
-
100
ns
Page set up time
TPSET
NOTE.1
100
-
ns
Page access cycle time
TPC
-30
-
ns
Page access time
TPAC
--
30
ns
CE access time
TCE
OE= VIL
-
100
ns
OE access time
TOE
CE= VIL
-30
ns
TCHZ
OE= VIL
030
ns
Output disable time
TOHZ
CE= VIL
025
ns
Output hold time
TOH
CE=OE= VIL
0-
ns
NOTE.1 TPSET is defined as the end of either CE falling edge or address transition in random access
term until the first page address transition.
Measurement condition
Input signal level
0V/3V
Input timing reference level
0.8V/2.0V
Output load
100pF
Output timing reference level
0.8V/2.0V
Output
400W
1.7V
100pF


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn