Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR27V6466F Datasheet(PDF) 9 Page - OKI electronic componets

Part # MR27V6466F
Description  4,194,304-Word x 16Bit or 2,097,152-Word x 32-Bit Synchronous One Time PROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V6466F Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MR27V6466F Datasheet HTML 5Page - OKI electronic componets MR27V6466F Datasheet HTML 6Page - OKI electronic componets MR27V6466F Datasheet HTML 7Page - OKI electronic componets MR27V6466F Datasheet HTML 8Page - OKI electronic componets MR27V6466F Datasheet HTML 9Page - OKI electronic componets MR27V6466F Datasheet HTML 10Page - OKI electronic componets MR27V6466F Datasheet HTML 11Page - OKI electronic componets MR27V6466F Datasheet HTML 12Page - OKI electronic componets MR27V6466F Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
PEDR27V6466F-01-08
1Semiconductor
MR27V6466F
9/39
ADDRESSING MAP
(1)
WORD = “H”: x32 Organization
Pin Name
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
Row Address
RA0
RA1
RA2
RA3
RA4
RA5
RA6
RA7
RA8
RA9
RA10
RA11
RA12
Column Address
CA0
CA1
CA2
CA3
CA4
CA5
CA6
CA7
X
XXXX
( X = Don’t Care)
(2)
WORD = “L”: x16 Organization
Pin Name
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
Row Address
RA0
RA1
RA2
RA3
RA4
RA5
RA6
RA7
RA8
RA9
RA10
RA11
RA12
Column Address
CA0
CA1
CA2
CA3
CA4
CA5
CA6
CA7
CA8
XXXX
( X = Don’t Care)
(3) Programming
Address displayed on
programmer: x16
Ad0
Ad1
Ad2
Ad3
Ad4
Ad5
Ad6
Ad7
Ad8
Ad9
Ad10 Ad11 Ad12
Device Address: x16
STO = “H”, AMPX = “L”
CAP0
CAP1
CAP2
CAP3
CAP4
CAP5
CAP6
CAP7
CAP8
A0
A1
A2
A3
Address (STO = “L”)
WORD = “L”: x16
CA0
Note2
CA1
Note3
CA2
CA3
CA4
CA5
CA6
CA7
CA8
RA0
RA1
RA2
RA3
Address (STO = “L”)
WORD = “H”: x32
Note1 CA0
Note4
CA1
Note5
CA2
CA3
CA4
CA5
CA6
CA7
RA0
RA1
RA2
RA3
Address displayed on
programmer: x16
Ad13 Ad14 Ad15 Ad16 Ad17 Ad18 Ad19 Ad20 Ad21
Device Address: x16
STO = “H”, AMPX = “L”
A4
A5
A6
A7
A8
A9
A10
A11
A12
Address (STO = “L”)
WORD = “L”: x16
RA4
RA5
RA6
RA7
RA8
RA9
RA10
RA11
RA12
Address (STO = “L”)
WORD = “H”: x32
RA4
RA5
RA6
RA7
RA8
RA9
RA10
RA11
RA12
Users of MR27V6466F are recommended to study the relationship between "Address displayed on programmer"
and "Address (STO = "L")" ignoring "Device Address: x16, STO = "H"".
The order of data on Synchronous Read operation (STO="L") is checked on this table.
"Device Address : x16, STO = "H"" will be utilized to design socket adapter on programmer or to check boards
designed to mount blank OTP and program OTP on board.
OKI will supply a socket adapter to program MR27V6466F as conventional x16 standard OTP. The users and the
venders of programmer who use the socket adapter can ignore "Device Address: x16, STO = "H"".
The persons who use 32Mbit SOTP and 64Mbit SOTP must be careful to distinguish the socket adapters for
64Mbit from one for 32Mbit. The difference is caused from the additional assignment of column address and 1 bit
shift of row address on 64Mbit SOTP
Note
1. A0 in programmer distinguishes upper word (x16) or lower word (x16) of Double word (x32).
On word (x16) organization the address of device corresponds to the address of programmer.
On double word (x32) organization the address numeral code of device is half of that in programmer, and
output on DQ0 to DQ15 is lower word (A0 = "0") and output on DQ16 to DQ31 is upper word (A0 = "1").
2. CA1 is MSB of burst read on condition of WORD = "L" and BL = 4.
3. CA2 is MSB of burst read on condition of WORD = "L" and BL = 8.
4. CA1 is MSB of burst read on condition of WORD = "H" and BL = 4.
5. CA2 is MSB of burst read on condition of WORD = "H" and BL = 8.


Similar Part No. - MR27V6466F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V6402D OKI-MR27V6402D Datasheet
93Kb / 13P
   4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit One Time PROM
MR27V6402G OKI-MR27V6402G Datasheet
149Kb / 14P
   4M-Word x 16-Bit or 8M-Word x 8-Bit OTP
logo
LAPIS Semiconductor Co....
MR27V6441L LAPIS-MR27V6441L Datasheet
231Kb / 15P
   64M?밯ord 횞 1?밄it Serial Production Programmed ROM (P2ROM)
logo
OKI electronic componet...
MR27V6452D OKI-MR27V6452D Datasheet
83Kb / 10P
   4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V6452DMA OKI-MR27V6452DMA Datasheet
83Kb / 10P
   4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results

Similar Description - MR27V6466F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V3202E OKI-MR27V3202E Datasheet
90Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MSM27C3202CZ OKI-MSM27C3202CZ Datasheet
87Kb / 12P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V3202F OKI-MR27V3202F Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MR27V3202D OKI-MR27V3202D Datasheet
57Kb / 11P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V1602D OKI-MR27V1602D Datasheet
58Kb / 11P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602F OKI-MR27V1602F Datasheet
132Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27C1602B OKI-MR27C1602B Datasheet
128Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V6402D OKI-MR27V6402D Datasheet
93Kb / 13P
   4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit One Time PROM
MR27V3252D OKI-MR27V3252D Datasheet
56Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C3252CZ OKI-MSM27C3252CZ Datasheet
90Kb / 12P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com