Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V3202F Datasheet(PDF) 10 Page - OKI electronic componets

Part No. MR27V3202F
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V3202F Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MR27V3202F Datasheet HTML 6Page - OKI electronic componets MR27V3202F Datasheet HTML 7Page - OKI electronic componets MR27V3202F Datasheet HTML 8Page - OKI electronic componets MR27V3202F Datasheet HTML 9Page - OKI electronic componets MR27V3202F Datasheet HTML 10Page - OKI electronic componets MR27V3202F Datasheet HTML 11Page - OKI electronic componets MR27V3202F Datasheet HTML 12Page - OKI electronic componets MR27V3202F Datasheet HTML 13Page - OKI electronic componets MR27V3202F Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
FEDR27V3202F-01-04
OKI Semiconductor
MR27V3202F / OTP
10/15
Programming/Verify Flow Chart
NG
YES
NO
NO
VCC = 3.0 V/VPP = 3.0 V
Device Passed
Start
Last Address?
X = 0
Verify(One Word)
Last Address?
NG
X = 2?
X = X+1
Increment Address
Program 10
µs
Programming
Pin Check
NG
PASS
Verify
Verify
Start
Verify
Pin Check
Bad Insertion
Device Passed
YES
YES
PASS
PASS
NG
PASS
NG
PASS
NG
PASS
NO
VCC = 3.6 V/VPP = 3.6 V
Device Failed
Bad Insertion
Address = First Location
VCC = 4.0 V
VPP = 8.0 V
Program 10
µs
Verify
Device Failed
VCC = 3.0 V/VPP = 3.0 V
Address = First Location
Increment Address
Address = First Location


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn