Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V3202F Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MR27V3202F
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MR27V3202F Datasheet(HTML) 1 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
OKI Semiconductor
FEDR27V3202F-01-04
Issue Date: Jul. 9, 2004
MR27V3202F
2,097,152–Word
× 16–Bit or 4,194,304–Word × 8–Bit One Time PROM
1/15
GENERAL DESCRIPTION
The MR27V3202F is a 32 Mbit electrically One Time Programmable Read-Only Memory that can be
electrically switched between 2,097,152-word
× 16-bit and 4,194,304-word × 8-bit by the state of the BYTE# pin.
The MR27V3202F supports high speed asynchronous read operation using a single 3.3V power supply.
FEATURES
· 2097,152-word
× 16-bit/4,194,304-word × 8-bit electrically switchable configuration
· +3.3 V power supply
· Access time
90 ns MAX
· Operating current
20 mA MAX (5MHz)
· Standby current
50 µA MAX
· Input/Output TTL compatible
· Tri-state output
· Packages:
44-pin plastic SOP (SOP44-P-600-1.27-K)
(Product Name : MR27V3202FMA)
44-pin plastic TSOP (TSOP II 44-P-400-0.80-K) (Product Name : MR27V3202FTP)
48-pin plastic TSOP (TSOP I 48-P-1220-0.50-1K) (Product Name : MR27V3202FTN)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn