Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V3202F Datasheet(PDF) 7 Page - OKI electronic componets

Part No. MR27V3202F
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V3202F Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MR27V3202F Datasheet HTML 3Page - OKI electronic componets MR27V3202F Datasheet HTML 4Page - OKI electronic componets MR27V3202F Datasheet HTML 5Page - OKI electronic componets MR27V3202F Datasheet HTML 6Page - OKI electronic componets MR27V3202F Datasheet HTML 7Page - OKI electronic componets MR27V3202F Datasheet HTML 8Page - OKI electronic componets MR27V3202F Datasheet HTML 9Page - OKI electronic componets MR27V3202F Datasheet HTML 10Page - OKI electronic componets MR27V3202F Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
FEDR27V3202F-01-04
OKI Semiconductor
MR27V3202F / OTP
7/15
ELECTRICAL CHARACTERISTICS (PROGRAMMING OPERATION)
DC Characteristics
(Ta = 25°C ± 5°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input leakage current
ILI
VI = VCC+0.5 V
10
µA
VPP power supply current (Program)
IPP2
CE# = VIL
50
mA
VCC power supply current
ICC
50
mA
Input “H” level
VIH
3.0
VCC+0.5
V
Input “L” level
VIL
–0.5
0.8
V
Output “H” level
VOH
IOH = –400 µA
2.4
V
Output “L” level
VOL
IOL = 2.1 mA
0.45
V
Program voltage
VPP
7.75
8.0
8.25
V
VCC power supply voltage
VCC
3.9
4.0
4.1
V
Voltage is relative to VSS.
AC Characteristics
(VCC = 4.0 V ± 0.1 V, BYTE#/VPP = 8.0 V ± 0.25 V, Ta = 25°C ± 5°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Address set-up time
tAS
100
ns
OE# set-up time
tOES
2
µs
Data set-up time
tDS
100
ns
Address hold time
tAH
2
µs
Data hold time
tDH
100
ns
Output float delay time from OE#
tOHZ
0
100
ns
VPP voltage set-up time
tVS
2
µs
Program pulse width
tPW
9
10
11
µs
Data valid from OE#
tOE
100
ns
Address hold from OE# high
tAOH
0
ns
Pin Check Function
Pin Check Function is to check contact between each device-pin and each socket-lead with EPROM programmer.
Setting up address as following condition call the preprogrammed codes on device outputs.
(VCC = 3.3 V ± 0.3 V, CE# = VIL, OE# = VIL, BYTE#/VPP = VIH, Ta = 25°C ± 5°C)
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
DATA
0
1
0
1
0
1
0
1
0
VH
0
1
0
1
0
1
0
0
1
1
0
FF00
1
0
1
0
1
0
1
0
1
VH
1
0
1
0
1
0
1
1
0
0
1
00FF
Other conditions
FFFF
∗: VH = 7 V ± 0.25 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn