Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V3202F Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MR27V3202F
Description  2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V3202F Datasheet(HTML) 5 Page - OKI electronic componets

  MR27V3202F Datasheet HTML 1Page - OKI electronic componets MR27V3202F Datasheet HTML 2Page - OKI electronic componets MR27V3202F Datasheet HTML 3Page - OKI electronic componets MR27V3202F Datasheet HTML 4Page - OKI electronic componets MR27V3202F Datasheet HTML 5Page - OKI electronic componets MR27V3202F Datasheet HTML 6Page - OKI electronic componets MR27V3202F Datasheet HTML 7Page - OKI electronic componets MR27V3202F Datasheet HTML 8Page - OKI electronic componets MR27V3202F Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FEDR27V3202F-01-04
OKI Semiconductor
MR27V3202F / OTP
5/15
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VCC = 3.3 V ± 0.3 V, Ta = 0 to 70°C)
parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input leakage current
ILI
VI = 0 to VCC
10
µA
Output leakage current
ILO
VO = 0 to VCC
10
µA
ICCSC
CE# = VCC
50
µA
VCC power supply current
(Standby)
ICCST
CE# = VIH
1
m
Α
VCC power supply current
(Read)
ICCA
CE# = VIL, OE# = VIH
f=5MHz
20
mA
VPP power supply current
IPP
VPP = VCC
10
µA
Input “H” level
VIH
2.2
VCC+0.5∗
V
Input “L” level
VIL
–0.5
∗∗
0.6
V
Output “H” level
VOH
IOH = –400 µA
2.4
V
Output “L” level
VOL
IOL = 2.1 mA
0.4
V
Voltage is relative to VSS.
∗ : Vcc+1.5V(Max.) when pulse width of overshoot is less than 10ns.
∗∗ : -1.5V(Min.) when pulse width of undershoot is less than 10ns.
AC Characteristics
(VCC = 3.3 V ± 0.3 V, Ta = 0 to 70°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Address cycle time
tC
90
ns
Address access time
tACC
CE# = OE# = VIL
90
ns
CE# access time
tCE
OE# = VIL
90
ns
OE# access time
tOE
CE# = VIL
45
ns
tCHZ
OE# = VIL
0
20
ns
Output disable time
tOHZ
CE# = VIL
0
20
ns
Output hold time
tOH
CE# = OE# = VIL
0
ns
Measurement conditions
Input signal level --------------------------------------0 V/3 V
Input timing reference level-------------------------0.8 V/2.0 V
Output load ---------------------------------------------100 pF
Output timing reference level ----------------------0.8 V/2.0 V
Output
1.73 V
330
100 pF
(Including scope and jig)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn