Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V1652E Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MR27V1652E
Description  1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V1652E Datasheet(HTML) 5 Page - OKI electronic componets

  MR27V1652E Datasheet HTML 1Page - OKI electronic componets MR27V1652E Datasheet HTML 2Page - OKI electronic componets MR27V1652E Datasheet HTML 3Page - OKI electronic componets MR27V1652E Datasheet HTML 4Page - OKI electronic componets MR27V1652E Datasheet HTML 5Page - OKI electronic componets MR27V1652E Datasheet HTML 6Page - OKI electronic componets MR27V1652E Datasheet HTML 7Page - OKI electronic componets MR27V1652E Datasheet HTML 8Page - OKI electronic componets MR27V1652E Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FEDR27V1652E-01-02
OKI Semiconductor
MR27V1652E / OTP
5/15
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VCC = 3.3 V ± 0.3 V, Ta = 0 to 70°C)
parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input leakage current
ILI
VI = 0 to VCC
10
µA
Output leakage current
ILO
VO = 0 to VCC
10
µA
ICCSC
CE = V
CC
50
µA
VCC power supply current
(Standby)
ICCST
CE = V
IH
1
m
Α
VCC power supply current
(Read)
ICCA
CE = V
IL, OE = VIH
tc = 100 ns
100
mA
VPP power supply current
IPP
VPP = VCC
10
µA
Input “H” level
VIH
2.2
VCC+0.5∗
V
Input “L” level
VIL
–0.5
∗∗
0.6
V
Output “H” level
VOH
IOH = –400 µA
2.4
V
Output “L” level
VOL
IOL = 2.1 mA
0.4
V
Voltage is relative to VSS.
∗ : Vcc+1.5V(Max.) when pulse width of overshoot is less than 10ns.
∗∗ : -1.5V(Min.) when pulse width of undershoot is less than 10ns.
AC Characteristics
(VCC = 3.3 V ± 0.3 V, Ta = 0 to 70°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Address cycle time
tC
100
ns
Address access time
tACC
CE = OE = V
IL
100
ns
Page cycle time
tPC
30
ns
Page access time
tPAC
30
ns
CE access time
tCE
OE = V
IL
100
ns
OE access time
tOE
CE = V
IL
30
ns
tCHZ
OE = V
IL
0
30
ns
Output disable time
tOHZ
CE = V
IL
0
25
ns
Output hold time
tOH
CE = OE = V
IL
0
ns
Measurement conditions
Input signal level-------------------------------- 0 V/3 V
Input timing reference level ------------------ 0.8 V/2.0 V
Output load -------------------------------------- 100 pF
Output timing reference level---------------- 0.8 V/2.0 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MR27V1652D1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1652CZ1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V852E524 288 Word X 16 - Bit or 1 048 576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3255D1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1655CZ524 288-Double Word x 32-Bit or 1 048 576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3252D2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V852D524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C852CZ524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27V1655CZ524 288-Double Word x 32-Bit or 1 048 576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn