Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9492 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9492
Description  Multiple-Output Clock Generator with Spread Spectrum
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9492 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9492 Datasheet HTML 1Page - Maxim Integrated Products MAX9492 Datasheet HTML 2Page - Maxim Integrated Products MAX9492 Datasheet HTML 3Page - Maxim Integrated Products MAX9492 Datasheet HTML 4Page - Maxim Integrated Products MAX9492 Datasheet HTML 5Page - Maxim Integrated Products MAX9492 Datasheet HTML 6Page - Maxim Integrated Products MAX9492 Datasheet HTML 7Page - Maxim Integrated Products MAX9492 Datasheet HTML 8Page - Maxim Integrated Products MAX9492 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Multiple-Output Clock Generator
with Spread Spectrum
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
FALL TIME vs. TEMPERATURE
(ALL OUTPUTS SET TO 133MHz)
TEMPERATURE (
°C)
-40
-15
10
35
60
85
1.0
1.2
1.4
1.6
1.8
2.0
SUPPLY CURRENT vs. TEMPERATURE
(ALL OUTPUTS SET TO 133MHz)
TEMPERATURE (
°C)
-40
-15
10
35
60
85
58.0
58.4
58.8
59.2
59.6
60.0
60.4
60.8
61.2
61.6
62.0
RISE TIME vs. TEMPERATURE
(ALL OUTPUTS SET TO 133MHz)
TEMPERATURE (
°C)
-40
-15
10
35
60
85
1.5
1.7
1.9
2.1
2.3
2.5
Note 1: All DC parameters tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Guaranteed by design.
Note 3: No high output level is specified but only the output resistance to the bus. For I2C, the high-level voltage is provided by
pullup resistors on the bus.
Note 4: The device provides a hold time of at least 300ns for the SDA signal (referred to VIL of the SCL signal) to bridge the unde-
fined region of SCL’s falling edge.
Note 5: CB = total capacitance of one bus line in pF. tR and tF measured between 0.3 x VDD and 0.7 x VDD.
Note 6: Bus sink current is less than 6mA. CB is the total capacitance of one bus line in pF. tR and tF are measured between 0.3 x
VDD and 0.7 x VDD.
Note 7: Input filters on the SDA and SCL inputs suppress noise spikes less than 50ns.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Fall Time of SDA, Transmitting
tF,TX
(Notes 2, 6)
20 +
0.1CB
250
ns
Pulse Width of Spike Suppressed
tSP
(Notes 2, 7)
0
50
ns
Capacitive Load for Each Bus
Line
CB
(Note 2)
400
pF
SERIAL INTERFACE TIMING (continued)
(VDD = VDDA = +3.3V, TA = -40°C to +85°C.) (Note 1, Figure 1)


Similar Part No. - MAX9492

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9491 MAXIM-MAX9491 Datasheet
303Kb / 11P
   Factory-Programmable, Single PLL Clock Generator
Rev 0; 1/06
MAX9491ETP MAXIM-MAX9491ETP Datasheet
303Kb / 11P
   Factory-Programmable, Single PLL Clock Generator
Rev 0; 1/06
MAX9491EUD MAXIM-MAX9491EUD Datasheet
303Kb / 11P
   Factory-Programmable, Single PLL Clock Generator
Rev 0; 1/06
More results

Similar Description - MAX9492

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1725 ICST-MK1725 Datasheet
158Kb / 6P
   Quad Output Spread Spectrum Clock Generator
logo
Renesas Technology Corp
MK1725 RENESAS-MK1725 Datasheet
358Kb / 9P
   QUAD OUTPUT SPREAD SPECTRUM CLOCK GENERATOR
033109
logo
Integrated Device Techn...
MK1725 IDT-MK1725 Datasheet
216Kb / 8P
   QUAD OUTPUT SPREAD SPECTRUM CLOCK GENERATOR
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com